Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55C8V2 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BZM55C8V2
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZM55C8V2 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BZM55C8V2 Datasheet HTML 1Page - Rectron Semiconductor BZM55C8V2 Datasheet HTML 2Page - Rectron Semiconductor BZM55C8V2 Datasheet HTML 3Page - Rectron Semiconductor BZM55C8V2 Datasheet HTML 4Page - Rectron Semiconductor BZM55C8V2 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZM55C2V4
-BZM55C47
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Forward Voltage at IF= 200mA
CHARACTERISTICS
SYMBOL
UNITS
1.5
Volts
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Power Dissipation @RqJA<300 K/W
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PV
TJ
TSTG
VF
VALUE
MAX.
-
TYP.
-
MIN.
UNITS
mW
500
175
-65 to +175
oC
oC
Terminal resistance (Mounted on epoxy-glass hard tissue,Fig.1)
Terminal resistance (35um copper clad,0.9mm2 copper area per electrode)
RqJA
RqJL
500
300
K/W
K/W
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
FEATURES
* Saving space
* Hermetic sealed parts
* Electrical data identical with the devices BZT55 Series /
TZM Series
*
MECHANICAL DATA
* Case: MicroMELF
* Weight: approx. 12mg
Micro-MELF
Fits onto SOD323/SOD110footprints
* Very sharp reverse characteristic
* Very high stability
* Low noise
* Available with tighter tolerances
* Low reverse current level
* Lead (Pb)-free component
* Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Dimensions in inches and (millimeters)
.079 (2.00)
.071 (1.80)
.010 (0.25)
.006 (0.15)
<.043 ( 1.10)


Similar Part No. - BZM55C8V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C8V2 VISHAY-BZM55C8V2 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Continental Device Indi...
BZM55C8V2 CDIL-BZM55C8V2 Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Weitron Technology
BZM55C8V2 WEITRON-BZM55C8V2 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZM55C8V2 VISHAY-BZM55C8V2 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
logo
Weitron Technology
BZM55C8V2 WEITRON-BZM55C8V2 Datasheet
2Mb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - BZM55C8V2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com