Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55C15 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # BZM55C15
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZM55C15 Datasheet(HTML) 4 Page - Rectron Semiconductor

  BZM55C15 Datasheet HTML 1Page - Rectron Semiconductor BZM55C15 Datasheet HTML 2Page - Rectron Semiconductor BZM55C15 Datasheet HTML 3Page - Rectron Semiconductor BZM55C15 Datasheet HTML 4Page - Rectron Semiconductor BZM55C15 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VZ, ZENER VOLTAGE (V)
15
0
10
20
30
40
50
0
20
40
60
80
100
25
20
30
35
20
8
12
0
4
6
RATING AND CHARACTERISTICS CURVES ( BZM55C2V4-BZM55C47 )
Figure7 Zener Current vs. Zener Voltage
VZ, ZENER VOLTAGE (V)
Figure8 Zener Current vs. Zener Voltage
VZ, ZENER VOLTAGE (V)
0
5
1
100
10
1000
10
15
20
25
Figure9 Differential Zener Resistance vs. Zener Voltage
tp, PULSE LENGTH (mS)
1
10
100
1000
10-1
100
101
102
103
Figure10 Thermal Response
TA=25OC
Ptot=500mW
TA=25OC
Ptot=500mW
TJ=25OC
IZ=1mA
10mA
5mA
tP/T = 0.05
tP/T = 0.01
Single Pulse
tP/T = 0.2
tP/T = 0.5
tP/T = 0.02
tP/T = 0.1
RqJA = 300K/W
iZM = (-VZ+(VZ
2+4rzj X T/Zthp)
1/2) / (2r
zj)
T=Tjmax.- TA


Similar Part No. - BZM55C15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C15 VISHAY-BZM55C15 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Continental Device Indi...
BZM55C15 CDIL-BZM55C15 Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Weitron Technology
BZM55C15 WEITRON-BZM55C15 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZM55C15 VISHAY-BZM55C15 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
logo
Weitron Technology
BZM55C15 WEITRON-BZM55C15 Datasheet
2Mb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - BZM55C15

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com