Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C20 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BZT52C20
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZT52C20 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BZT52C20 Datasheet HTML 1Page - Rectron Semiconductor BZT52C20 Datasheet HTML 2Page - Rectron Semiconductor BZT52C20 Datasheet HTML 3Page - Rectron Semiconductor BZT52C20 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Planar Die Construction
* 500mW Power Dissipation on Ceramic PCB
* General Purpose Medium Current
*
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
SOD-123
Dimensions in inches and (millimeters)
REF .020(0.50)
.152(3.85)
.140(3.55)
.067(1.70)
.059(1.50)
.110(2.80)
.102(2.60)
.049(1.25)
.041(1.05)
.004(.10)
.000(.00)
BZT52C2V4-
BZT52C39
Ideally Suited for Automated Assembly Processes
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Max. Instantaneous Forward Voltage at IF= 10mA
Note 1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2.
CHARACTERISTICS
SYMBOL
UNITS
305
0.9
Volts
oC/W
Thermal Resistance Junction to Ambient (Note 1)
MAXIMUM RATINGES ( @ TA = 25
oC unless otherwise noted )
RATINGS
Max. Steady State Power Dissipation @TA=25oC (Note 1)
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PD
TJ
TSTG
R
θJA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
mW
500
-65 to +150
-65 to +150
oC
oC
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.


Similar Part No. - BZT52C20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C20 DIODES-BZT52C20 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BZT52C20 TSC-BZT52C20 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Guangdong Kexin Industr...
BZT52C20 KEXIN-BZT52C20 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
BZT52C20 SECOS-BZT52C20 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Dongguan City Niuhang E...
BZT52C20 NIUHANG-BZT52C20 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results

Similar Description - BZT52C20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com