Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C13 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BZX85C13
Description  1.3W DO-41 Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX85C13 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BZX85C13 Datasheet HTML 1Page - Rectron Semiconductor BZX85C13 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Chara. Cont. (Ta = 25°C)
RECTRON
Part Number
VZT nom
(V)
Tolerance
(
r %)
r ZT
(
:)
@
I ZT
(mA)
IR
(
PA) @
VR
(V)
PD
(W)
BZX85C6V2
6.2
6.4
1.000
35.0
1.000
3.0
1.300
BZX85C6V8
6.8
5.8
1.000
35.0
1.000
4.0
1.300
BZX85C7V5
7.5
6.0
1.000
35.0
1.000
4.5
1.300
BZX85C8V2
8.2
6.0
1.000
25.0
1.000
6.2
1.300
BZX85C9V1
9.1
6.0
1.000
25.0
1.000
6.8
1.300
BZX85C10
10.0
6.0
0.500
25.0
0.500
7.0
1.300
BZX85C11
11.0
5.4
0.500
20.0
0.500
8.2
1.300
BZX85C12
12.0
5.3
0.500
20.0
0.500
9.1
1.300
BZX85C13
13.0
6.5
0.500
20.0
0.500
10.0
1.300
BZX85C15
15.0
6.0
0.500
15.0
0.500
11.0
1.300
BZX85C16
16.0
5.6
0.500
15.0
0.500
12.0
1.300
BZX85C18
18.0
6.3
0.500
15.0
0.500
13.0
1.300
BZX85C20
20.0
6.0
0.500
10.0
0.500
15.0
1.300
BZX85C22
22.0
5.7
0.500
10.0
0.500
16.0
1.300
BZX85C24
24.0
5.8
0.500
10.0
0.500
18.0
1.300
BZX85C27
27.0
7.0
0.500
8.0
0.500
20.0
1.300
BZX85C30
30.0
6.6
0.500
8.0
0.500
22.0
1.300
BZX85C33
33.0
6.0
0.500
8.0
0.500
24.0
1.300
BZX85C36
36.0
5.5
0.500
8.0
0.500
27.0
1.300
BZX85C39
39.0
5.1
0.500
6.0
0.500
30.0
1.300
BZX85C43
43.0
7.0
0.500
6.0
0.500
33.0
1.300
BZX85C47
47.0
6.3
0.500
4.0
0.500
36.0
1.300


Similar Part No. - BZX85C13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C13 VISHAY-BZX85C13 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C13 TSC-BZX85C13 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C13 NJSEMI-BZX85C13 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C13 FAIRCHILD-BZX85C13 Datasheet
49Kb / 3P
   Zeners
logo
Tak Cheong Electronics ...
BZX85C13 TAK_CHEONG-BZX85C13 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX85C13

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
   1W 5% DO-41 ZENER DIODE
logo
Diotech Company.
BZX85C3V3 DIOTECH-BZX85C3V3 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
1N4728G TSC-1N4728G_14 Datasheet
111Kb / 5P
   1W DO-41 Zener Volatge Regulators
logo
Jiangsu High diode Semi...
1N4001 HDSEMI-1N4001 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diode
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
logo
Jiangsu High diode Semi...
P4KE HDSEMI-P4KE Datasheet
1Mb / 7P
   DO-41 Plastic-Encapsulate Diode
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_11 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
Jiangsu High diode Semi...
BA157 HDSEMI-BA157 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diode
logo
New Jersey Semi-Conduct...
1N4291 NJSEMI-1N4291 Datasheet
151Kb / 1P
   DO-41
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com