Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C36 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BZT52C36
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZT52C36 Datasheet(HTML) 3 Page - Rectron Semiconductor

  BZT52C36 Datasheet HTML 1Page - Rectron Semiconductor BZT52C36 Datasheet HTML 2Page - Rectron Semiconductor BZT52C36 Datasheet HTML 3Page - Rectron Semiconductor BZT52C36 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RECTRON
VZ, ZENER VOLTAGE(V)
VZ, ZENER VOLTAGE(V)
TA, AMBIENT TEMPERATURE(
OC)
0
0
10
20
30
40
50
0
0.1
0.2
0.3
0.4
0.6
0.5
5
1
2
3
4
6
7
8
9
10
150
100
125
75
25
50
0
0
0
10
20
30
10
20
30
40
RATING AND CHARACTERISTICS CURVES (BZT52CSV4-BZT52C39)
Figure3 Zener Breakdown Characteristics
Figure1 Power Dissipation vs Ambient Temperature
Figure2 Zener Breakdown Characteristics
VZ, ZENER VOLTAGE(V)
0
0
2
4
6
8
10
50
60
70
80
90
10
20
30
40
100
Figure4 Zener Breakdown Characteristics
TJ=25
OC
VZ,NOMINAL ZENER VOLTAGE(V)
0
1
100
1000
10
100
Figure5 Total Capacitance vs Nominal Zener Voltage
TJ=25
OC
f=1MHz
VR=1V
VR=2V
VR=1V
VR=2V
C2V7
C3V9
C3V3 C4V7
C8V2
C6V2
Test Current Iz
5.0mA
Test Current Iz
2mA
Test Current Iz
5mA
TJ=25
OC C10
C12
C15
C18
C22
C27
C33
C36
C6V8
C5V6
Test Current Iz
2mA
C39
TJ=25
OC


Similar Part No. - BZT52C36

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C36 DIODES-BZT52C36 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BZT52C36 TSC-BZT52C36 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Guangdong Kexin Industr...
BZT52C36 KEXIN-BZT52C36 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
BZT52C36 SECOS-BZT52C36 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
First Components Intern...
BZT52C36 FCI-BZT52C36 Datasheet
136Kb / 2P
   1/2 Watt ZEBER DIODES Planar Die Construction
More results

Similar Description - BZT52C36

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com