Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D45H Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # D45H
Description  10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

D45H Datasheet(HTML) 3 Page - Rectron Semiconductor

  D45H Datasheet HTML 1Page - Rectron Semiconductor D45H Datasheet HTML 2Page - Rectron Semiconductor D45H Datasheet HTML 3Page - Rectron Semiconductor D45H Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES (D44H and D45H Series)
Figure Maximum Rated Forward Bias
Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE, (V)
1.0
2.0 3.0
5.0 7.0 10
20
30
50
70 100
0.2
0.5
1.0
2.0
5.0
10
20
50
200
100
100uS
10uS
1mS
1.0uS
TJ=150OC
DC
D44H/45H8
TC < 70OC
DUTY CYCLE < 50%
D44H/45H10,11


Similar Part No. - D45H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
D45H ONSEMI-D45H Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
Inchange Semiconductor ...
D45H ISC-D45H Datasheet
123Kb / 3P
   isc Silicon PNP Power Transistors
logo
ON Semiconductor
D45H ONSEMI-D45H Datasheet
87Kb / 5P
   Complementary Silicon Power Transistors
November, 2007 - Rev. 10
logo
New Jersey Semi-Conduct...
D45H NJSEMI-D45H Datasheet
78Kb / 2P
   Silicon PNP Power Transistors
logo
ON Semiconductor
D45H ONSEMI-D45H Datasheet
102Kb / 5P
   Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
More results

Similar Description - D45H

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B Datasheet
105Kb / 6P
   DARLINGTONS 10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 8
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com