Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # DB3
Description  TRIGGER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB3 Datasheet(HTML) 3 Page - Rectron Semiconductor

  DB3 Datasheet HTML 1Page - Rectron Semiconductor DB3 Datasheet HTML 2Page - Rectron Semiconductor DB3 Datasheet HTML 3Page - Rectron Semiconductor DB3 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JUNCTION TEMPERATURE, (OC)
AMBIENT TEMPERATURE, (
OC)
1.00
1.08
1.06
1.04
1.02
0
20
40
60
100
120
140
160
80
100
75
25
50
125
150
100
120
140
60
80
20
40
RATING AND CHARACTERISTICS CURVES ( DB3 )
FIG.4 POWER DISSPATION VERSUS AMBIENT
TEMPERATURE (MAXIMUM VALUES)
FIG.5 RELATIVE VARIATION OF VBO VERSUS
JUNCTION TEMPERATURE (TYPICAL VALUES)
tp, PULSE DURATION (uS)
10
0.01
0.1
2.0
1.0
1000
100
10000
FIG.6 PEAK PULSE CURRENT VERSUS
PULSE DURATION (MAXIMUM VALUES)
F=100Hz
TJ initial= 25 OC


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
   TRIGGER DIODES
logo
Microdiode Electronics ...
DB3 CHENDA-DB3 Datasheet
591Kb / 2P
   BIDIRECTIONAL TRIGGER DIODE
logo
Yangzhou yangjie electr...
DB3 YANGJIE-DB3 Datasheet
536Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
EIC discrete Semiconduc...
DB3 EIC-DB3 Datasheet
114Kb / 1P
   SILICON BI-DIRECTIONAL DIACS
Rev. 03: December 7, 2006
logo
Tiger Electronic Co.,Lt...
DB3 TGS-DB3 Datasheet
142Kb / 2P
   Silicon Bidirectional Diacs
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB3S RECTRON-DB3S Datasheet
173Kb / 4P
   TRIGGER DIODES
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
   TRIGGER DIODES
logo
GOOD-ARK Electronics
LLDB-3 GOOD-ARK-LLDB-3 Datasheet
68Kb / 1P
   Trigger Diodes
logo
Rectron Semiconductor
DB3SEL RECTRON-DB3SEL Datasheet
453Kb / 5P
   TRIGGER DIODES
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
   TRIGGER DIODES
logo
GOOD-ARK Electronics
DB3 GOOD-ARK-DB3_15 Datasheet
185Kb / 3P
   Trigger Diodes
logo
Diotec Semiconductor
DB3 DIOTEC-DB3_17 Datasheet
132Kb / 2P
   Trigger-Diodes
logo
First Silicon Co., Ltd
DB3 FS-DB3 Datasheet
244Kb / 3P
   Trigger Diodes
logo
Rectron Semiconductor
DB3W RECTRON-DB3W Datasheet
199Kb / 5P
   TRIGGER DIODES
logo
GOOD-ARK Electronics
DB3 GOOD-ARK-DB3 Datasheet
185Kb / 3P
   Trigger Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com