Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR152 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # FR152
Description  1.5A FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR152 Datasheet(HTML) 2 Page - Won-Top Electronics

  FR152 Datasheet HTML 1Page - Won-Top Electronics FR152 Datasheet HTML 2Page - Won-Top Electronics FR152 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FR151 – FR157
2 of 3
© 2002 Won-Top Electronics
0
0.3
0.6
0.9
1.2
1.5
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC Method)
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
A
°


Similar Part No. - FR152

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
FR152 ZOWIE-FR152 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR152 CHENDA-FR152 Datasheet
588Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
FR152 PFS-FR152 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
Micro Commercial Compon...
FR152 MCC-FR152 Datasheet
80Kb / 3P
   1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
FR152 GWSEMI-FR152 Datasheet
67Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR152

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
logo
TAITRON Components Inco...
TF151 TAITRON-TF151 Datasheet
132Kb / 4P
   1.5A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1501S DIODES-PR1501S_15 Datasheet
292Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
PR1501 DIODES-PR1501_1 Datasheet
87Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. 4 - 2
PR1501 DIODES-PR1501 Datasheet
62Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. B1-2
logo
List of Unclassifed Man...
TF151 ETC2-TF151 Datasheet
130Kb / 4P
   1.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TUF151 TAITRON-TUF151 Datasheet
137Kb / 4P
   1.5A Ultra Fast Recovery Rectifier
logo
Frontier Electronics.
BYD34DP FRONTIER-BYD34DP Datasheet
125Kb / 2P
   1.5A FAST RECOVERY PLASTIC RECTIFIER
BYV95AP FRONTIER-BYV95AP Datasheet
125Kb / 2P
   1.5A FAST RECOVERY PLASTIC RECTIFIER
HER151 FRONTIER-HER151 Datasheet
129Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com