Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143ECA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTA143ECA
Description  SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTA143ECA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTA143ECA Datasheet HTML 1Page - Rectron Semiconductor DTA143ECA Datasheet HTML 2Page - Rectron Semiconductor DTA143ECA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES (DTA143ECA)
Figure2 Output current vs input voltage
(OFF Characteristics)
Figure4 Output voltage vs. output current
Figure1 Input voltage vs. output current
(ON Characteristics)
IO, OUTPUT CURRENT, (A)
VI(off), INPUT VOLTAGE, (V)
Figure3 DC current gain vs. output current
IO, OUTPUT CURRENT, (A)
IO, OUTPUT CURRENT, (A)
-100m
-200m
-500m
-100m -200m -500m
-1
-2
-10
-20
-50
-100
-1m -2m -5m
-10m -20m -50m -100m
-100m -200m -500m -1m -2m -5m -10m -20m -50m -100m
-100m -200m -500m -1m -2m -5m -10m -20m -50m -100m
-5
-2m
-1m
-5m
-10m
-20m
-50m
-100m
-200m
-500m
-1m
-2m
-10m
-5m
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
5
10
20
50
100
200
500
1K
2
-1m
-2m
-5m
-10m
-20m
-50m
-100m
-200m
-500m
-1
VO= -0.3V
100
OC
25
OC
Ta= -40
OC
VCC= -5V
-40
OC
25
OC
Ta= 100
OC
VO= -5V
-40
OC
25
OC
Ta= 100
OC
-40
OC
25
OC
Ta= 100
OC
IO / II= 20
Figure5 Equivalent circuit
IN
R1
R2
IN
OUT
OUT
GND(+)
GND(+)


Similar Part No. - DTA143ECA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ECA ROHM-DTA143ECA Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
WILLAS ELECTRONIC CORP
DTA143ECA WILLAS-DTA143ECA Datasheet
394Kb / 2P
   PNP Digital Transistor
logo
Leshan Radio Company
DTA143ECA LRC-DTA143ECA Datasheet
89Kb / 3P
   Digital transistors(built-in resistors)
logo
Taiwan Semiconductor Co...
DTA143ECA TSC-DTA143ECA Datasheet
213Kb / 3P
   PNP Small Signal Transistor
logo
E-Tech Electronics LTD
DTA143ECA ETL-DTA143ECA Datasheet
111Kb / 3P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA143ECA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTA143XCA RECTRON-DTA143XCA Datasheet
315Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114TCA RECTRON-DTA114TCA Datasheet
310Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114YCA RECTRON-DTA114YCA Datasheet
315Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143TCA RECTRON-DTA143TCA Datasheet
311Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA144ECA RECTRON-DTA144ECA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA123JCA RECTRON-DTA123JCA Datasheet
385Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA123YCA RECTRON-DTA123YCA Datasheet
315Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA123JKA RECTRON-DTA123JKA Datasheet
372Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114YKA RECTRON-DTA114YKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114TKA RECTRON-DTA114TKA Datasheet
297Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com