Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143EUA Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # DTA143EUA
Description  SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTA143EUA Datasheet(HTML) 3 Page - Rectron Semiconductor

  DTA143EUA Datasheet HTML 1Page - Rectron Semiconductor DTA143EUA Datasheet HTML 2Page - Rectron Semiconductor DTA143EUA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RECTRON
Rectron Inc reserves the right to make changes without notice to any product
specification herein, to make corrections, modifications, enhancements or other
changes. Rectron Inc or anyone on its behalf assumes no responsibility or liabi-
lity for any errors or inaccuracies. Data sheet specifications and its information
contained are intended to provide a product description only. "Typical" paramet-
ers which may be included on RECTRON data sheets and/ or specifications ca-
n and do vary in different applications and actual performance may vary over ti-
me. Rectron Inc does not assume any liability arising out of the application or
use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical,
life-saving implant or other applications intended for life-sustaining or other rela-
ted applications where a failure or malfunction of component or circuitry may di-
rectly or indirectly cause injury or threaten a life without expressed written appr-
oval of Rectron Inc. Customers using or selling Rectron components for use in
such applications do so at their own risk and shall agree to fully indemnify Rect-
ron Inc and its subsidiaries harmless against all claims, damages and expendit-
ures.
DISCLAIMER NOTICE


Similar Part No. - DTA143EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EUA ROHM-DTA143EUA Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA143EUA SECOS-DTA143EUA Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA143EUA ROHM-DTA143EUA Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
Micro Commercial Compon...
DTA143EUA MCC-DTA143EUA Datasheet
208Kb / 3P
   PNP Digital Transistors
DTA143EUA MCC-DTA143EUA Datasheet
101Kb / 3P
   PNP Digital Transistors
More results

Similar Description - DTA143EUA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTA123JUA RECTRON-DTA123JUA Datasheet
385Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143TUA RECTRON-DTA143TUA Datasheet
311Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143XUA RECTRON-DTA143XUA Datasheet
315Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA144EUA RECTRON-DTA144EUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114TUA RECTRON-DTA114TUA Datasheet
310Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA123YUA RECTRON-DTA123YUA Datasheet
315Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114YUA RECTRON-DTA114YUA Datasheet
315Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA124EUA RECTRON-DTA124EUA Datasheet
315Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(PNP)
DTA114EUA RECTRON-DTA114EUA Datasheet
315Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(PNP)
DTC113ZUA RECTRON-DTC113ZUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com