Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR107 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # FR107
Description  1.0A FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR107 Datasheet(HTML) 1 Page - Won-Top Electronics

  FR107 Datasheet HTML 1Page - Won-Top Electronics FR107 Datasheet HTML 2Page - Won-Top Electronics FR107 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR101 – FR107
1 of 3
© 2002 Won-Top Electronics
FR101 – FR107
1.0A FAST RECOVERY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
FR101
FR102
FR103
FR104
FR105
FR106
FR107
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.2
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
150
250
500
nS
Typical Junction Capacitance (Note 3)
Cj
15
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WT E
PO W E R SEM IC O ND UC TO R S
DO-41
Dim
Min
Max
A
25.4
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm


Similar Part No. - FR107

ManufacturerPart #DatasheetDescription
logo
RFE international
FR107 RFE-FR107 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Surge Components
FR107 SURGE-FR107 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Formosa MS
FR107 FORMOSA-FR107 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
Leshan Radio Company
FR107 LRC-FR107 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
Microdiode Electronics ...
FR107 CHENDA-FR107 Datasheet
630Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - FR107

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001 DIODES-PR1001 Datasheet
62Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
PR1001 DIODES-PR1001_2 Datasheet
78Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 4 - 2
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
logo
Torex Semiconductor
XBF10A20S-G TOREX-XBF10A20S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
XBF10A60S-G TOREX-XBF10A60S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
RS1AF YENYO-RS1AF Datasheet
278Kb / 2P
   1.0A Fast Recovery Rectifier
logo
List of Unclassifed Man...
TF101 ETC2-TF101 Datasheet
130Kb / 4P
   1.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
RL101F TAITRON-RL101F Datasheet
188Kb / 5P
   1.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com