Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP7 Datasheet(PDF) 1 Page - Rohm

Part # HRP7
Description  LSI Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HRP7 Datasheet(HTML) 1 Page - Rohm

  HRP7 Datasheet HTML 1Page - Rohm HRP7 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HRP7
• HRP7
LSI Assembly
(Units : mm)
The contents described herein are subject to change without notice.
7
6
5
4
3
2
S
1
0.73
± 0.1
1.27
0.8875
1.905
± 0.1
0.27
4.5
°
0.08
(MAX 9.745 include BURR)
S
9.395
± 0.125
−0.05
+0.1
−4.5°
+5.5°
8.82
± 0.1
(5.59)


Similar Part No. - HRP7

ManufacturerPart #DatasheetDescription
logo
Rohm
HRP7 ROHM-HRP7 Datasheet
66Kb / 2P
   LSI Assembly
logo
SemiHow Co.,Ltd.
HRP70N06K SEMIHOW-HRP70N06K Datasheet
853Kb / 8P
   60V N-Channel Trench MOSFET
HRP72N06K SEMIHOW-HRP72N06K Datasheet
963Kb / 8P
   60V N-Channel Trench MOSFET
HRP72N10K SEMIHOW-HRP72N10K Datasheet
847Kb / 8P
   100V N-Channel Trench MOSFET
logo
SHENZHEN DOINGTER SEMIC...
HRP72N10K DOINGTER-HRP72N10K Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - HRP7

ManufacturerPart #DatasheetDescription
logo
Rohm
VQFN040V6060 ROHM-VQFN040V6060 Datasheet
79Kb / 2P
   LSI Assembly
SBGA035T050 ROHM-SBGA035T050 Datasheet
80Kb / 2P
   LSI Assembly
VBGA035T040 ROHM-VBGA035T040 Datasheet
80Kb / 2P
   LSI Assembly
VQFP80 ROHM-VQFP80_1 Datasheet
59Kb / 2P
   LSI Assembly
WSOF6 ROHM-WSOF6 Datasheet
79Kb / 2P
   LSI Assembly
UQFN044V6060 ROHM-UQFN044V6060 Datasheet
79Kb / 2P
   LSI Assembly
UQFP80 ROHM-UQFP80_1 Datasheet
82Kb / 2P
   LSI Assembly
HQFN20V ROHM-HQFN20V Datasheet
37Kb / 2P
   LSI Assembly
HQFN28V ROHM-HQFN28V Datasheet
38Kb / 2P
   LSI Assembly
HSOP28 ROHM-HSOP28 Datasheet
37Kb / 2P
   LSI Assembly
HSSOP-A54 ROHM-HSSOP-A54 Datasheet
41Kb / 2P
   LSI Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com