Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55C36BSC Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BZM55C36BSC
Description  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZM55C36BSC Datasheet(HTML) 1 Page - Rectron Semiconductor

  BZM55C36BSC Datasheet HTML 1Page - Rectron Semiconductor BZM55C36BSC Datasheet HTML 2Page - Rectron Semiconductor BZM55C36BSC Datasheet HTML 3Page - Rectron Semiconductor BZM55C36BSC Datasheet HTML 4Page - Rectron Semiconductor BZM55C36BSC Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZM55C-BS
SERIES
4.7V to 36V
VD 2007-11
THERMAL RESISTANCE
K / W
K / W
300
Form Junction to Tie point (Note 1)
Notes: 1. 35 um copper clad, 0.9mm2 copper area per electrode.
2. "Fully RoHS Compliant", "100% Sn Plating (Pb-free)".
From Junction to Ambient in free air
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Power Dissipation @ Rth (j-a)< 300 OC/W
Storage Temperature
Junction Temperature
SYMBOL
PD
Tstg
TJ
Rth(j-a)
Rth(j-l)
VALUE
UNITS
mW
O
C
O
C
500
-65 to +175
175
500
SILICON PLANAR ZENER DIODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
FEATURES
* Zener Voltage Range 4.7 to 36 Volts
* LS-31 (Micro-melf) Glass Package
MICRO-MELF
Dimensions in inches and (millimeters)
.049 (1.25)
.047 (1.20)
.075 (1.90)
.083 (2.10)
R > 2.5
Glass
DIA.
.010 (0.26)
.008 (0.21)


Similar Part No. - BZM55C36BSC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C36 VISHAY-BZM55C36 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Continental Device Indi...
BZM55C36 CDIL-BZM55C36 Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Weitron Technology
BZM55C36 WEITRON-BZM55C36 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZM55C36 VISHAY-BZM55C36 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
logo
Rectron Semiconductor
BZM55C36 RECTRON-BZM55C36 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results

Similar Description - BZM55C36BSC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com