Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ15B Datasheet(PDF) 2 Page - Rohm

Part # MTZJ15B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MTZJ15B Datasheet(HTML) 2 Page - Rohm

  MTZJ15B Datasheet HTML 1Page - Rohm MTZJ15B Datasheet HTML 2Page - Rohm MTZJ15B Datasheet HTML 3Page - Rohm MTZJ15B Datasheet HTML 4Page - Rohm MTZJ15B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MTZJ22B
Diodes
Rev.D
2/4
Electrical characteristics curves (Ta=25
°C)
Type NO.
TYPE
TYPE NO.
TYPE
TYPE NO.
MTZJ
  3.6B
3.6B
MTZJ
  12B
12B
MTZJ
  3.9B
3.9B
MTZJ
  13B
13B
MTZJ
  4.3B
4.3B
MTZJ
  15B
15B
MTZJ
  4.7B
4.7B
MTZJ
  16B
16B
MTZJ
  5.1B
5.1B
MTZJ
  18B
18B
MTZJ
  5.6B
5.6B
MTZJ
  20B
20B
MTZJ
  6.2B
6.2B
MTZJ
  22B
22B
MTZJ
  6.8B
6.8B
MTZJ
  24B
24B
MTZJ
  7.5B
7.5B
MTZJ
  27B
27B
MTZJ
  8.2B
8.2B
MTZJ
  30B
30B
MTZJ
  9.1B
9.1B
MTZJ
  33B
33B
MTZJ
  10B
10B
MTZJ
  36B
36B
MTZJ
  11B
11B
MTZJ
  39B
39B
MIN.
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
MTZJ 3.6B
3.600
3.845
5.0
100
5.0
1000
1.0
10.0
1.0
MTZJ 3.9B
3.890
4.160
5.0
100
5.0
1000
1.0
5.0
1.0
MTZJ 4.3B
4.170
4.430
5.0
100
5.0
1000
1.0
5.0
1.0
MTZJ 4.7B
4.550
4.800
5.0
80
5.0
900
0.5
5.0
1.0
MTZJ 5.1B
4.940
5.200
5.0
70
5.0
1200
0.5
5.0
1.5
MTZJ 5.6B
5.450
5.730
5.0
40
5.0
900
0.5
5.0
2.5
MTZJ 6.2B
5.960
6.270
5.0
30
5.0
500
0.5
5.0
3.0
MTZJ 6.8B
6.490
6.830
5.0
20
5.0
150
0.5
2.0
3.5
MTZJ 7.5B
7.070
7.450
5.0
20
5.0
120
0.5
0.5
4.0
MTZJ 8.2B
7.780
8.190
5.0
20
5.0
120
0.5
0.5
5.0
MTZJ 9.1B
8.570
9.010
5.0
20
5.0
120
0.5
0.5
6.0
MTZJ 10B
9.410
9.900
5.0
20
5.0
120
0.5
0.2
7.0
MTZJ 11B
10.500
11.050
5.0
20
5.0
120
0.5
0.2
8.0
MTZJ 12B
11.440
12.030
5.0
25
5.0
110
0.5
0.2
9.0
MTZJ 13B
12.550
13.210
5.0
25
5.0
110
0.5
0.2
10.0
MTZJ 15B
13.890
14.620
5.0
25
5.0
110
0.5
0.2
11.0
MTZJ 16B
15.250
16.040
5.0
25
5.0
150
0.5
0.2
12.0
MTZJ 18B
16.820
17.700
5.0
30
5.0
150
0.5
0.2
13.0
MTZJ 20B
18.630
19.590
5.0
30
5.0
200
0.5
0.2
15.0
MTZJ 22B
20.640
21.710
5.0
30
5.0
200
0.5
0.2
17.0
MTZJ 24B
22.610
23.770
5.0
35
5.0
200
0.5
0.2
19.0
MTZJ 27B
24.970
26.260
5.0
45
5.0
250
0.5
0.2
21.0
MTZJ 30B
27.700
29.130
5.0
55
5.0
250
0.5
0.2
23.0
MTZJ 33B
30.320
31.880
5.0
65
5.0
250
0.5
0.2
25.0
MTZJ 36B
32.790
34.490
5.0
75
5.0
250
0.5
0.2
27.0
MTZJ 39B
35.360
37.190
5.0
85
5.0
250
0.5
0.2
30.0
(
1 )The zener voltage(Vz) is measured 40ms after power is supplied.
(
2 )The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
TYP.
Symbol
Zener voltage :Vz(V)
Operating
resistance :Zz(Ω)
Rising operating
resistance:Zz(Ω)
Reverse current
:IR(uA)


Similar Part No. - MTZJ15B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MTZJ15B LRC-MTZJ15B Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
Rohm
MTZJ15B ROHM-MTZJ15B Datasheet
124Kb / 5P
   Zener diode
MTZJ15B ROHM-MTZJ15B Datasheet
176Kb / 5P
   Zener diode
MTZJ15B ROHM-MTZJ15B Datasheet
119Kb / 5P
   Zener diode
MTZJ15B ROHM-MTZJ15B Datasheet
54Kb / 4P
   Glass sealed envelope. (MSD), High reliability
More results

Similar Description - MTZJ15B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com