Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS6M3 Datasheet(PDF) 7 Page - Rohm

Part # QS6M3
Description  2.5V Drive NchPch MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS6M3 Datasheet(HTML) 7 Page - Rohm

  QS6M3_1 Datasheet HTML 1Page - Rohm QS6M3_1 Datasheet HTML 2Page - Rohm QS6M3_1 Datasheet HTML 3Page - Rohm QS6M3_1 Datasheet HTML 4Page - Rohm QS6M3_1 Datasheet HTML 5Page - Rohm QS6M3_1 Datasheet HTML 6Page - Rohm QS6M3_1 Datasheet HTML 7Page - Rohm QS6M3_1 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
QS6M3
Transistors
Rev.B
7/7
P-ch
Measurement circuit
Fig.3-1 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.3-2 Switching Waveforms
90%
90%
90%
10%
10%
10%
50%
50%
Pulse Width
VGS
VDS
ton
toff
tr
td(on)
tf
td(off)
Fig.4-1 Gate Charge Measurement Circuit
VGS
IG(Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.4-2 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd


Similar Part No. - QS6M3_1

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6M3TR ROHM-QS6M3TR Datasheet
95Kb / 8P
   2.5V Drive NchPch MOSFET
logo
VBsemi Electronics Co.,...
QS6M3TR VBSEMI-QS6M3TR Datasheet
597Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - QS6M3_1

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6M4TR ROHM-QS6M4TR Datasheet
85Kb / 6P
   2.5V Drive Nch Pch MOSFET
QS6M3TR ROHM-QS6M3TR Datasheet
95Kb / 8P
   2.5V Drive NchPch MOSFET
US6M2 ROHM-US6M2_07 Datasheet
74Kb / 4P
   2.5V Drive NchPch MOSFET
QS6M4 ROHM-QS6M4_1 Datasheet
103Kb / 6P
   2.5V Drive NchPch MOSFET
EM6M1T2R ROHM-EM6M1T2R Datasheet
98Kb / 7P
   2.5V Drive NchPch MOSFET
US6M2TR ROHM-US6M2TR Datasheet
66Kb / 4P
   2.5V Drive NchPch MOSFET
TT8M2 ROHM-TT8M2_09 Datasheet
267Kb / 9P
   2.5V Drive Nch MOSFET 1.5V Drive Pch MOSFET
US6J2TR ROHM-US6J2TR Datasheet
89Kb / 5P
   2.5V Drive PchPch MOSFET
RTR030P02FHA ROHM-RTR030P02FHA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTF020P02TL ROHM-RTF020P02TL Datasheet
102Kb / 5P
   2.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com