Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS6U24 Datasheet(PDF) 3 Page - Rohm

Part # QS6U24
Description  4V Drive PchSBD MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS6U24 Datasheet(HTML) 3 Page - Rohm

  QS6U24 Datasheet HTML 1Page - Rohm QS6U24 Datasheet HTML 2Page - Rohm QS6U24 Datasheet HTML 3Page - Rohm QS6U24 Datasheet HTML 4Page - Rohm QS6U24 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
QS6U24
Transistor
Rev.B
3/4
Electrical characteristic curves
1
1.5
2
2.5
3
3.5
4
4.5
5
GATE-SOURCE VOLTAGE :
−VGS (V)
Fig.1 Typical Transfer Characteristics
0.001
0.01
10
0.1
1
Ta
=125°C
Ta
=25°C
Ta
=−25°C
Ta
=75°C
VDS
=−10V
Pulsed
0.1
1
10
100
1000
DRAIN CURRENT :
−ID (A)
Fig.2 Static Drain-Source On-State
Resistance vs. Drain Current (
Ι)
10000
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
=−25°C
VGS
=−10V
Pulsed
0.1
1
10
100
1000
DRAIN CURRENT :
−ID (A)
Fig.3 Static Drain-Source On-State
Resistance vs. Drain Current (
ΙΙ)
10000
VGS
=−4.5V
Pulsed
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
=−25°C
0.1
1
10
100
1000
DRAIN CURRENT :
−ID (A)
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current (
ΙΙΙ)
10000
VGS
=−4V
Pulsed
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
=−25°C
02468
10
12
14
16
200
300
400
500
600
700
800
900
1000
1100
GATE-SOURCE VOLTAGE :
−VGS (V)
Fig.5 Static Drain-Source On-State
Resistance vs. Gate-Source
Voltage
1200
ID=
−1.2A
ID=
−0.6A
Ta
=25°C
Pulsed
0.1
1
10
100
1000
DRAIN CURRENT :
−ID (A)
10000
Ta
=25°C
Pulsed
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current ( )
VGS
=−4.0V
VGS
=−4.5V
VGS
=−10V
0
0.5
1
1.5
2
0.01
0.1
1
SOURCE-DRAIN VOLTAGE :
−VSD (V)
Fig.7 Reverse Drain Current vs.
Source-Drain Voltage
10
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
=−25°C
VGS
=0V
Pulsed
0.01
0.1
1
10
100
10
100
DRAIN-SOURCE VOLTAGE :
−VDS (V)
Fig.8 Typical Capacitance vs.
Drain-Source Voltage
1000
Ciss
Coss
Crss
Ta=25
°C
f=1MHZ
VGS=0V
0.01
0.1
1
10
1
10
100
DRAIN CURRENT :
−ID (A)
Fig.9 Switching Characteristics
1000
td(off)
tr
td(on)
tf
Ta=25
°C
VDD=
−15V
VGS=
−10V
RG=10
Pulsed


Similar Part No. - QS6U24

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6U24 ROHM-QS6U24 Datasheet
41Kb / 3P
   Small switching
logo
VBsemi Electronics Co.,...
QS6U24 VBSEMI-QS6U24 Datasheet
484Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - QS6U24

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J3 ROHM-SP8J3 Datasheet
113Kb / 5P
   4V Drive PchPch MOS FET
SP8J5 ROHM-SP8J5 Datasheet
113Kb / 5P
   4V Drive PchPch MOS FET
SP8J5FRA ROHM-SP8J5FRA Datasheet
428Kb / 7P
   4V Drive PchPch MOS FET
RSR015P03 ROHM-RSR015P03 Datasheet
58Kb / 3P
   4V Drive Pch MOS FET
RSR025P03 ROHM-RSR025P03 Datasheet
66Kb / 3P
   4V Drive Pch MOS FET
RSQ025P03FRA ROHM-RSQ025P03FRA Datasheet
1Mb / 8P
   4V Drive Pch MOS FET
RSS060P05 ROHM-RSS060P05 Datasheet
129Kb / 5P
   4V Drive Pch MOS FET
RSF010P03 ROHM-RSF010P03 Datasheet
65Kb / 3P
   4V Drive Pch MOS FET
RSM002P03 ROHM-RSM002P03 Datasheet
65Kb / 3P
   4V Drive Pch MOS FET
RSL020P03 ROHM-RSL020P03 Datasheet
66Kb / 3P
   4V Drive Pch MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com