Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB070M-30 Datasheet(PDF) 1 Page - Rohm

Part # RB070M-30
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB070M-30 Datasheet(HTML) 1 Page - Rohm

  RB070M-30_1 Datasheet HTML 1Page - Rohm RB070M-30_1 Datasheet HTML 2Page - Rohm RB070M-30_1 Datasheet HTML 3Page - Rohm RB070M-30_1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB070M-30
Diodes
Rev.B
1/3
PMDU
1.2
Schottky barrier diode
RB070M-30
Applications
General rectification
(Common cathode dual chip)
Features
1) Small power mold type.
(PMDU)
2) Low IR
3) High reliability
Construction
Silicon epitaxial planar
Dimensions (Unit : mm)
Land size figure
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Parameter
V
VRM
Symbol
30
V
VR
30
A
IO
1.5
A
30
IFSM
150
Tj
−40 to 150
Tstg
°C
°C
Limits
Unit
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Average rectified forward current
Forward current surge peak (60Hz 1cyc.)
Junction temperature
Storage temperature
∗ Glass epoxy substrate at the time of assembler, half sine wave at 180°.
Electrical characteristic (Ta=25
°C)
Forward voltage
Reverse current
VF1
VF2
IR
0.37
0.44
9
0.43
0.49
50
V
V
µA
IF
=0.5A
IF
=1.5A
VR
=30V
Parameter
Symbol
Typ.
Min.
Max.
Unit
Conditions
∗Please pay attention to static electricity when handling.
ROHM : PMDU
JEDEC :SOD-123
Manufacture Date
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.1
    0.05
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX


Similar Part No. - RB070M-30_1

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_11 Datasheet
976Kb / 4P
   Shottky barrier diode
More results

Similar Description - RB070M-30_1

ManufacturerPart #DatasheetDescription
logo
Rohm
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com