Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143EKA Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DTC143EKA
Description  SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC143EKA Datasheet(HTML) 1 Page - Rectron Semiconductor

  DTC143EKA Datasheet HTML 1Page - Rectron Semiconductor DTC143EKA Datasheet HTML 2Page - Rectron Semiconductor DTC143EKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.
* Only the on/off conditions need to be set for operation mark-
ing device design easy.
* The bias resistors consist of thin-film resistors with co-
mplete isolation to allow negative biasing of the input.
They also have the advantage of almost completely eli-
minating parasitic effects.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.009 gram
SOT-23-3L
DTC143EKA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
SOT-23-3L DIGITAL TRANSISTOR
TRANSISTORS(NPN)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Resistance ratio
DC current gain (VO= 5V,IO= 10mA)
Input current (VI= 5V)
Input resistance
Transition frequency (VO= 10V,IO= 5mA, f= 100MHz)
CHARACTERISTICS
SYMBOL
UNITS
0.5
-
0.3
0.5
-
mA
m
A
-
-
V
V
MHz
Input voltage (VCC= 5V, IO= 100mA)
Input voltage (VO= 0.3V, IO= 20mA)
Output current (VCC= 50V,VI= 0)
Output voltage (IO / II= 10mA / 0.5mA)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Supply voltage
Input voltage
Output current
Power dissipation
SYMBOL
Tj
Tstg
Pd
VCC
VIN
IO
VI(off)
VI(on)
Vo(on)
Io(off)
GI
R1
R2 / R1
II
fT
LIMITS
MAX
-
-
-
-
-
1
TYP
-
3
-
-
20
MIN
UNITS
150
50
-10~+30
mA
V
V
100
Storage temperature
Junction temperature
IC(MAX)
mW
100
200
-55 ~150
oC
oC
(2)
(1)
(3)
(1) IN
(2) GND
(3) OUT
-
-
1.8
3.29
0.8
1.2
4.7
6.11
-
250
-
KW
NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
0.116(2.95)
f .028 (0.70)
.067 (1.70)
.059 (1.50)
.049(1.25)
R.002
(.05)
.041(1.05)
.004(0.10)
.000(0.00)
0.104(2.65)
(1)
(2)
(3)


Similar Part No. - DTC143EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EKA ROHM-DTC143EKA Datasheet
87Kb / 4P
   Digital transistors (built-in resistors)
DTC143EKA ROHM-DTC143EKA Datasheet
532Kb / 12P
   Built-In Biasing Resistors, R1 = R2 = 4.7kW.
logo
Leshan Radio Company
DTC143EKA LRC-DTC143EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Guangdong Kexin Industr...
DTC143EKA KEXIN-DTC143EKA Datasheet
474Kb / 2P
   Digital Transistors
logo
Jiangsu Changjiang Elec...
DTC143EKA JIANGSU-DTC143EKA Datasheet
136Kb / 2P
   Digital transistors (built-in resistors)
More results

Similar Description - DTC143EKA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC144EKA RECTRON-DTC144EKA Datasheet
376Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC114TKA RECTRON-DTC114TKA Datasheet
348Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143TKA RECTRON-DTC143TKA Datasheet
351Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114EKA RECTRON-DTC114EKA Datasheet
444Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114YKA RECTRON-DTC114YKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123JKA RECTRON-DTC123JKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC124EKA RECTRON-DTC124EKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123YKA RECTRON-DTC123YKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143XKA RECTRON-DTC143XKA Datasheet
354Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC143ZKA RECTRON-DTC143ZKA Datasheet
354Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com