Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFM1500W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FFM1500W
Description  FAST RECOVERY RECTIFIER VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FFM1500W Datasheet(HTML) 2 Page - Rectron Semiconductor

  FFM1500W Datasheet HTML 1Page - Rectron Semiconductor FFM1500W Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( FFM1000W THRU FFM1800W )
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
35
30
25
20
15
10
5
0
1
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
0
50
100
150
175
500
400
300
200
100
0
trr
+0.5A
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR
50/100 ns/cm
FIG. 3 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50
NONINDUCTIVE
10
NONINDUCTIVE
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10ns max. Source Impedance =
50 ohms.


Similar Part No. - FFM1500W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM15W RECTRON-FFM15W Datasheet
22Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 1.0 Ampere)
More results

Similar Description - FFM1500W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM10W RECTRON-FFM10W Datasheet
22Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 1.0 Ampere)
RL1N1000F RECTRON-RL1N1000F Datasheet
23Kb / 2P
   PHOTOFLASH RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere)
logo
Micro Commercial Compon...
1F10 MCC-1F10 Datasheet
201Kb / 2P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Shanghai Lunsure Electr...
1F10 CHENYI-1F10 Datasheet
170Kb / 2P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Micro Commercial Compon...
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Rectron Semiconductor
FR101 RECTRON-FR101 Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
BA157 RECTRON-BA157 Datasheet
29Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
FR101 WINGS-FR101 Datasheet
297Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
RL101F RECTRON-RL101F Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
R2000H RECTRON-R2000H Datasheet
468Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com