Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM250L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM250L
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM250L Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM250L Datasheet HTML 1Page - Rectron Semiconductor FM250L Datasheet HTML 2Page - Rectron Semiconductor FM250L Datasheet HTML 3Page - Rectron Semiconductor FM250L Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM2200L
THRU
FM220L
SMBL
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ambient Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
60
75
130
Amps
0
C/W
0
C/W
0
C
Storage Temperature Range
R q J A
Typical Thermal Resistance (Note 1)
17
R q J L
IO
pF
Operating Temperature Range
TJ
FM220L
20
150
-55 to + 150
0
C
FM230L FM240L FM250L FM260L FM280L
30
40
50
60
14
21
28
35
42
20
30
40
50
60
FM2100L FM2150L FM2200L
FM220L FM230L FM240L FM250L FM260L FM280L FM2100L FM2150L FM2200L
80
100
150
200
80
100
150
200
56
70
105
140
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
0.2
2
@TA = 25
oC
@TA = 100
oC
.55
mA
UNITS
.70
.85
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.098 gram
* Epoxy: Device has UL flammability classification 94V-O
0.083 (2.11)
0.077 (1.96)
0.155 (3.94)
0.130 (3.30)
0.180 (4.57)
0.160 (4.06)
0.085 (2.15)
0.061 (1.55)
0.060 (1.52)
0.030 (0.76)
0.220 (5.59)
0.205 (5.21)
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)
MECHANICAL DA TA
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant","100% Sn plating (Pb-free)".


Similar Part No. - FM250L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM250 RECTRON-FM250 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM250 FORMOSA-FM250 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM250-C FORMOSA-FM250-C Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM250-L FORMOSA-FM250-L Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM250-L FORMOSA-FM250-L Datasheet
165Kb / 7P
   Chip Schottky Barrier Rectifier
More results

Similar Description - FM250L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM220C RECTRON-FM220C Datasheet
34Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
FM520 RECTRON-FM520 Datasheet
404Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM320L RECTRON-FM320L Datasheet
360Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 3.0 Ampere
FM520L RECTRON-FM520L Datasheet
360Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM120 RECTRON-FM120_V01 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
FM520V RECTRON-FM520V Datasheet
425Kb / 7P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
2018-05 REV: F
SR2020CS RECTRON-SR2020CS Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com