Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU8B Datasheet(PDF) 1 Page - Won-Top Electronics

Part # GBU8B
Description  8.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBU8B Datasheet(HTML) 1 Page - Won-Top Electronics

  GBU8B Datasheet HTML 1Page - Won-Top Electronics GBU8B Datasheet HTML 2Page - Won-Top Electronics GBU8B Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBU8A – GBU8K
1 of 3
© 2002 Won-Top Electronics
GBU8A – GBU8K
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
A
!
Low Forward Voltage Drop
D
!
High Current Capability
J
!
High Reliability
C
!
High Surge Current Capability
!
Ideal for Printed Circuit Boards
+
~
~
-
E
G
K
Mechanical Data
H
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
!
Polarity: As Marked on Body
!
Weight: 4.0 grams (approx.)
B
!
Mounting Position: Any
!
Marking: Type Number
L
N
P
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
GBU8A
GBU8B
GBU8D
GBU8G
GBU8J
GBU8K
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
V
Average Rectified Output Current
@TC = 100°C
@TA = 45°C
IO
8.0
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
I2t Rating for Fusing (t < 8.35ms)
I2t
166
A2s
Forward Voltage (per element)
@IF = 8.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
5.0
500
µA
Typical Thermal Resistance (per leg) (Note 1)
RJA
18.0
K/W
Typical Thermal Resistance (per leg) (Note 2)
RJC
3.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Thermal resistance junction to ambient, mounted on PCB at 9.5mm lead length with 12mm2 copper pads.
2. Thermal resistance junction to case, mounted on 7.5 x 7.5 x 0.3cm thick AL plate.
WT E
PO W E R SEM IC ONDUCTORS
GBU
Dim
Min
Max
A
21.80
22.30
B
18.30
18.80
C
7.40
7.90
D
3.50
4.10
E
1.52
2.03
G
2.16
2.54
H
4.83
5.33
J
1.65
2.16
K
1.65
2.03
L
0.76
1.02
M
3.30
3.56
N
17.50
18.00
P
0.46
0.56
All Dimensions in mm


Similar Part No. - GBU8B

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GBU8B GENESIC-GBU8B Datasheet
375Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU8B PANJIT-GBU8B Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU8B GENESIC-GBU8B Datasheet
346Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Semikron International
GBU8B SEMIKRON-GBU8B Datasheet
222Kb / 2P
   Silicon-Bridge Rectifiers
logo
EIC discrete Semiconduc...
GBU8B EIC-GBU8B Datasheet
168Kb / 2P
   Glass Passivated
More results

Similar Description - GBU8B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GBU8005 LUGUANG-GBU8005 Datasheet
76Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005_1 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
DONGGUAN YOU FENG WEI E...
GBU801G YFWDIODE-GBU801G Datasheet
543Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS805 ZSELEC-HBS805 Datasheet
119Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBJ801 YFWDIODE-KBJ801 Datasheet
540Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS8005M ZSELEC-RS8005M Datasheet
127Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU800G WTE-KBU800G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ8A ZSELEC-KBJ8A Datasheet
127Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
TT8A ZSELEC-TT8A Datasheet
119Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ8005 DIODES-GBJ8005 Datasheet
64Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21217 Rev. D-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com