Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6107 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # 2N6107
Description  TO-220 - Power Transistors and Darlingtons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2N6107 Datasheet(HTML) 3 Page - Rectron Semiconductor

  2N6107 Datasheet HTML 1Page - Rectron Semiconductor 2N6107 Datasheet HTML 2Page - Rectron Semiconductor 2N6107 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
#
t
r
a
P
y
t
i
r
a
l
o
P
V
O
B
C
)
V
(
n
i
M
V
O
E
C
)
V
(
n
i
M
V
O
B
E
)
V
(
n
i
M
P
D
)
W
(
I
C
)
A
(
I
S
E
C
)
A
u
(
x
a
M
@ V
E
C
h
E
F
n
i
M
h
E
F
x
a
M
@
I
C
)
A
(
V
E
C
)
V
(
V
)
T
A
S
(
E
C
)
V
(
x
a
M
V
)
T
A
S
(
E
B
)
V
(
x
a
M
@
I
C
)
A
(
f
T
)
z
H
M
(
n
i
M
@
I
C
)
A
m
(
C
9
2
P
I
T
N
P
N0
0
1
0
0
15
0
31
0
0
2
0
0
10
4
5
1
2
.
0
0
.
1
4
4
7
.
0
0
.
1
0
.
3
0
0
2
C
0
3
P
I
T
P
N
P0
0
1
0
0
15
0
31
0
0
2
0
0
10
4
5
1
2
.
0
0
.
1
4
4
7
.
0
0
.
1
0
.
3
0
0
2
C
1
3
P
I
T
N
P
N0
0
1
0
0
15
0
43
0
0
2
0
0
10
1
5
2
0
50
.
3
0
.
1
4
4
2
.
1
0
.
3
0
.
3
0
0
5
2
3
P
I
T
P
N
P0
4
0
45
0
43
0
0
2
0
40
1
5
2
0
50
.
3
0
.
1
4
4
2
.
1
0
.
3
0
.
3
0
0
5
C
2
3
P
I
T
P
N
P0
0
1
0
0
15
0
43
0
0
2
0
0
10
1
5
2
0
50
.
3
0
.
1
4
4
2
.
1
0
.
3
0
.
3
0
0
5
C
1
4
P
I
T
N
P
N0
0
1
0
0
15
5
66
0
0
4
0
0
15
1
0
3
5
70
.
3
3
.
0
4
4
5
.
1
0
.
6
0
.
3
0
0
5
C
2
4
P
I
T
P
N
P0
0
1
0
0
15
5
66
0
0
4
0
0
15
1
0
3
5
70
.
3
3
.
0
4
4
5
.
1
0
.
6
0
.
3
0
0
5
7
4
P
I
T
N
P
N0
5
3
0
5
25
0
41
0
0
0
1
0
5
30
3
0
1
0
5
13
.
0
0
.
1
0
1
0
1
0
.
1
0
.
1
0
.
0
1
0
0
2
9
4
P
I
T
N
P
N0
5
4
0
5
35
0
41
0
0
0
1
0
5
40
3
0
1
0
5
13
.
0
0
.
1
0
1
0
1
0
.
1
0
.
1
0
.
0
1
0
0
2
0
5
P
I
T
N
P
N0
0
5
0
0
45
0
41
0
0
0
1
0
0
50
3
0
1
0
5
13
.
0
0
.
1
0
1
0
1
0
.
1
0
.
1
0
.
0
1
0
0
2
2
0
1
P
I
T
N
P
N0
0
1
0
0
15
0
88
0
5 1
0
50
0
0
1
0
0
2
0
0
0
0
20
.
3
0
.
8
4
4
0
.
2
5
.
2
0
.
3
0
.
8
5
0
1
P
I
T
P
N
P0
6
0
65
0
8
8
0
5 1
0
30
0
0
1
0
0
2
0
0
0
0
20
.
3
0
.
8
4
4
0
.
2
5
.
2
0
.
3
0
.
8
6
0
1
P
I
T
P
N
P0
8
0
85
0
88
0
5 1
0
40
0
0
1
0
0
2
0
0
0
0
20
.
3
0
.
8
4
4
0
.
2
5
.
2
0
.
3
0
.
8
7
0
1
P
I
T
P
N
P0
0
1
0
0
15
0
88
0
5 1
0
50
0
0
1
0
0
2
0
0
0
0
20
.
3
0
.
8
4
4
0
.
2
5
.
2
0
.
3
0
.
8
0
1
1
P
I
T
N
P
N0
6
0
65
0
52
0
0
0
2
1
0
30
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
2
1
1
P
I
T
N
P
N0
0
1
0
0
15
0
52
0
0
0
2
1
0
50
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
5
1
1
P
I
T
P
N
P0
6
0
65
0
52
0
0
0
2
1
0
30
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
6
1
1
P
I
T
P
N
P0
8
0
85
0
52
0
0
0
2
1
0
40
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
7
1
1
P
I
T
P
N
P0
0
1
0
0
15
0
52
0
0
0
2
1
0
50
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
0
2
1
P
I
T
N
P
N0
6
0
65
5
65
0
0
5
1
0
30
0
0
1
0
0
0
1
5
.
0
0
.
3
3
3
0
.
2
0
.
4
0
.
3
0
.
5
1
2
1
P
I
T
N
P
N0
8
0
85
5
65
0
0
5
1
0
40
0
0
1
0
0
0
1
0
.
3
5
.
0
3
3
0
.
2
0
.
4
0
.
3
0
.
5
2
2
1
P
I
T
N
P
N0
0
1
0
0
15
5
65
0
0
5
1
0
50
0
0
1
0
0
0
1
0
.
3
5
.
0
3
3
0
.
2
0
.
4
0
.
3
0
.
5
5
2
1
P
I
T
P
N
P0
6
0
65
5
65
0
0
5
1
0
30
0
0
1
0
0
0
1
5
.
0
0
.
3
3
3
0
.
2
0
.
4
0
.
3
0
.
5
6
2
1
P
I
T
P
N
P0
8
0
85
5
65
0
0
5
1
0
40
0
0
1
0
0
0
1
0
.
3
5
.
0
3
3
0
.
2
0
.
4
0
.
3
0
.
5
7
2
1
P
I
T
P
N
P0
0
1
0
0
15
5
65
0
0
5
1
0
50
0
0
1
0
0
0
1
0
.
3
5
.
0
3
3
0
.
2
0
.
4
0
.
3
0
.
5
2
3
1
P
I
T
N
P
N0
0
1
0
0
15
0
78
0
0
2
2
0
0
10
0
0
5
0
.
1
40
.
2
0
.
4
RECTR
RECTR
RECTR
RECTR
RECTRON
ON
ON
ON
ON
1 I
CE0
2I
CBO
3V
CES
4I
CER
5f
T Typical Values


Similar Part No. - 2N6107

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
   POWER TRANSISTORS(7A,40W)
logo
ON Semiconductor
2N6107 ONSEMI-2N6107 Datasheet
117Kb / 5P
   7 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 30 ??50 ??70 VOLTS, 40 WATTS
October, 2011 ??Rev. 9
2N6107 ONSEMI-2N6107 Datasheet
149Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
April, 2002 ??Rev. 5
logo
Savantic, Inc.
2N6107 SAVANTIC-2N6107 Datasheet
95Kb / 3P
   Silicon PNP Power Transistors
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
More results

Similar Description - 2N6107

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDV67A COMSET-BDV67A_12 Datasheet
83Kb / 5P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
BDV64 COMSET-BDV64 Datasheet
77Kb / 4P
   PNP SILICON DARLINGTONS POWER TRANSISTORS
BDV66 COMSET-BDV66 Datasheet
79Kb / 4P
   PNP SILICON DARLINGTONS POWER TRANSISTORS
BDW83 COMSET-BDW83 Datasheet
121Kb / 3P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
BDW84 COMSET-BDW84 Datasheet
122Kb / 3P
   PNP SILICON DARLINGTONS POWER TRANSISTORS
BDV65 COMSET-BDV65 Datasheet
77Kb / 4P
   NNP SILICON DARLINGTONS POWER TRANSISTORS
BDW84C COMSET-BDW84C Datasheet
102Kb / 2P
   PNP SILICON DARLINGTONS POWER TRANSISTORS
BDV67A COMSET-BDV67A Datasheet
241Kb / 5P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
logo
Rectron Semiconductor
TIP125 RECTRON-TIP125 Datasheet
190Kb / 2P
   TO-220 - PNP Plastic Power Transistors
logo
Comset Semiconductor
TIP145 COMSET-TIP145 Datasheet
74Kb / 3P
   NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com