Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDSGA0-B00E Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # GDSGA0-B00E
Description  STANDARD GPP CHIP - 100MIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

GDSGA0-B00E Datasheet(HTML) 1 Page - Rectron Semiconductor

  GDSGA0-B00E Datasheet HTML 1Page - Rectron Semiconductor GDSGA0-B00E Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDSGA0-500E
GDSGA0-700E
GDSGA0-900E
GDSGA0-B00E
STANDARD GPP CHIP - 100MIL
CHIPS FOR STD GPP/SOLDERING TYPE
TYPE: GDSGA0 SERIES
CHIP APPEARANCE
FEATURES
* Silicon chip with Boron / Phosphorus dopants
Maximum Instantaneous Forward Voltage at 3A DC
Maximum Average Reverse Current
at Rated DC Blocing Voltage
Storage Temperature Range
Operating Temperature Range
Maximum Recurrent Peak Reverse Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
* Solderable metallization Ni / Au
* Glass passivated junction
CHIP DIMENSIONS
GDSGA0-B00E
GDSGA0-500E
CHIP SIZE
Contact area
Total CHIP THICKNESS
SOLDERABLE
METALLIZATION
100 x 100 mils
75 x 75 mils
11 mils
Ni / Au
GDSGA0-700E GDSGA0-900E
GDSGA0-B00E
GDSGA0-500E
GDSGA0-700E
GDSGA0-900E
PRODUCT SPECIFICATIONS
RATINGS
SYMBOL
TSTG
UNITS
0
C
TJ
0
C
IO
VR
400
@ TA=25OC
@ TA=100OC
1.1
3
5
300
150
-55 to + 150
600
800
1000
Amps
uAmps
Volts
Volts
IR
VF
RECTRON
TECHNICAL SPECIFICATION
SEMICONDUCTOR
11mil
10.2mil
100mil
75mil


Similar Part No. - GDSGA0-B00E

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
GDSG68G KNIGHTSBRIDGE-GDSG68G Datasheet
330Kb / 1P
   6-8G 35mm galvanised steel box
22/03/2024
GDSG912G KNIGHTSBRIDGE-GDSG912G Datasheet
244Kb / 1P
   9-12G 35mm galvanized steel box
22/03/2024
More results

Similar Description - GDSGA0-B00E

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
GNSG50-500E RECTRON-GNSG50-500E Datasheet
91Kb / 2P
   STANDARD GPP CHIP - 50MIL
GNSG70-500E RECTRON-GNSG70-500E Datasheet
189Kb / 2P
   STANDARD GPP CHIP - 70MIL
logo
First Components Intern...
OG4001 FCI-OG4001 Datasheet
146Kb / 2P
   40AMP Power Pack GPP Standard Rectifiers
OGF4007 FCI-OGF4007 Datasheet
192Kb / 2P
   40Amp Isolated Pwer Pack GPP Standard Rectifiers
FGF4001 FCI-FGF4001 Datasheet
4Mb / 2P
   40AMP ISOLATED POWER PACK GPP STANDARD RECTIFERS
FGF2001 FCI-FGF2001 Datasheet
107Kb / 2P
   20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
logo
Leshan Radio Company
FR101G LRC-FR101G Datasheet
51Kb / 2P
   FAST GPP DIODES
BA157G LRC-BA157G Datasheet
51Kb / 2P
   FAST GPP DIODES
1N4933G LRC-1N4933G Datasheet
57Kb / 2P
   FAST GPP DIODES
FR151G LRC-FR151G Datasheet
52Kb / 2P
   FAST GPP DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com