Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFM303L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HFM303L
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HFM303L Datasheet(HTML) 1 Page - Rectron Semiconductor

  HFM303L Datasheet HTML 1Page - Rectron Semiconductor HFM303L Datasheet HTML 2Page - Rectron Semiconductor HFM303L Datasheet HTML 3Page - Rectron Semiconductor HFM303L Datasheet HTML 4Page - Rectron Semiconductor HFM303L Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT GLASS PASSIVATED
HIGH EFFICIENCY SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
HFM308L
THRU
HFM301L
SMCL
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
3.0
200
150
15
70
50
Amps
0
C/W
0
C/W
0
C
Storage Temperature Range
R q J L
Typical Thermal Resistance (Note 1)
60
R q J A
IO
pF
Operating Temperature Range
TJ
HFM301L
50
-55 to + 150
150
0
C
HFM302L HFM303L HFM304L HFM305L HFM306L
100
200
300
400
35
70
140
210
280
50
100
200
300
400
HFM307L HFM308L
HFM301L HFM302L HFM303L HFM304L HFM305L HFM306L HFM307L HFM308L
600
800
1000
600
800
1000
420
490
700
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
Maximum Full Load Reverse Current, Full
cycle Average TA =55OC
Maximum Reverse Recovery Time (Note 4)
at Rated DC Blocking Voltage
VF
SYMBOL
I
trr
R
m
A
m
A
m
A
Maximum Instantaneous Forward Voltage at 3.0A DC
Volts
2
50
150
50
75
nSec
@TA = 25
oC
@TA = 125
oC
1.0
UNITS
1.3
1.7
0.085 ( 2.15 )
0.061 ( 1.55 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.060 ( 1.52 )
0.030 ( 0.76 )
0.320 ( 8.13 )
0.305 ( 7.75 )
0.280 ( 7.11 )
0.260 ( 6.60 )
0.245 ( 6.22 )
0.220 ( 5.59 )
0.125 (3.17 )
0.115 (2.92 )
NOTES : 1. Thermal Resistance : Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
FEATURES
* Ideal for surface mounted applications
* Glass passivated device
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA


Similar Part No. - HFM303L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM303 RECTRON-HFM303 Datasheet
284Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
HFM303 FORMOSA-HFM303 Datasheet
70Kb / 2P
   Ultra fast recovery type
logo
Leshan Radio Company
HFM303 LRC-HFM303 Datasheet
204Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
List of Unclassifed Man...
HFM303 ETC2-HFM303 Datasheet
126Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
HFM303 WINNERJOIN-HFM303 Datasheet
126Kb / 2P
   Ultra fast recovery type
More results

Similar Description - HFM303L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM308CF RECTRON-HFM308CF Datasheet
112Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere
2021-11/115 REV:O
HFM308P RECTRON-HFM308P Datasheet
151Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere
2021-11 REV:O
FM301L RECTRON-FM301L Datasheet
319Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
HER301G RECTRON-HER301G Datasheet
34Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
Raltron Electronics Cor...
HER301G RALTRON-HER301G Datasheet
34Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
Rectron Semiconductor
HFM201L RECTRON-HFM201L Datasheet
341Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
HFM101 RECTRON-HFM101 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HFM101L RECTRON-HFM101L Datasheet
332Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
HSM101 RECTRON-HSM101 Datasheet
275Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
HFM301 RECTRON-HFM301 Datasheet
284Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com