Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFM305L Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # HFM305L
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HFM305L Datasheet(HTML) 4 Page - Rectron Semiconductor

  HFM305L Datasheet HTML 1Page - Rectron Semiconductor HFM305L Datasheet HTML 2Page - Rectron Semiconductor HFM305L Datasheet HTML 3Page - Rectron Semiconductor HFM305L Datasheet HTML 4Page - Rectron Semiconductor HFM305L Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Mounting Pad Layout
Dimensions in inches and (millimeters)
0.121MIN.
( 3.07MIN.)
0.185 MAX.
(4.69 MAX.)
0.060 MAX.
(1.52 MAX.)
0.320 REF


Similar Part No. - HFM305L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM305 RECTRON-HFM305 Datasheet
284Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
HFM305 FORMOSA-HFM305 Datasheet
70Kb / 2P
   Ultra fast recovery type
logo
Leshan Radio Company
HFM305 LRC-HFM305 Datasheet
204Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
List of Unclassifed Man...
HFM305 ETC2-HFM305 Datasheet
126Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
HFM305 WINNERJOIN-HFM305 Datasheet
126Kb / 2P
   Ultra fast recovery type
More results

Similar Description - HFM305L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM308CF RECTRON-HFM308CF Datasheet
112Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere
2021-11/115 REV:O
HFM308P RECTRON-HFM308P Datasheet
151Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere
2021-11 REV:O
FM301L RECTRON-FM301L Datasheet
319Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
HER301G RECTRON-HER301G Datasheet
34Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
Raltron Electronics Cor...
HER301G RALTRON-HER301G Datasheet
34Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
Rectron Semiconductor
HFM201L RECTRON-HFM201L Datasheet
341Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
HFM101 RECTRON-HFM101 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HFM101L RECTRON-HFM101L Datasheet
332Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
HSM101 RECTRON-HSM101 Datasheet
275Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
HFM301 RECTRON-HFM301 Datasheet
284Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com