Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

701W-X2-03 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 701W-X2-03
Description  AC RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

701W-X2-03 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  701W-X2-03 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
701W-X2/03
Description:
AC RECEPTACLE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.Zhang
05-24-05
05-24-05
JJH / 05-24-05
UNIT: mm
REV. C
NOTES:
MATERIAL:
HOUSING: THERMOPLASTIC
TERMINAL: COPPER ALLOY
RATING:
UL, CSA: 15A 250V AC
VDE: 10A 250V AC
INSULATION RESISTANCE: OVER 100 OHM 500V DC
DIELECTRIC RESISTANCE: 2000V AC ONE MINUTE
APPROVALS: UL,CSA,VDE
RoHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Updated Dimensions
06-01-06
06-30-08
DP
DP
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
CONTROLLED
2
1
3
1
Terminal Set COPPER ALLOY Tin-Plated
Housing SNAP-IN TYPE
30.7 ± 0.3
24 ±
0.5
0
3.4 ± 0.1
26.5 ± 0.3
26.5 ± 0.3
27 ± 0.2
0
PANEL CUTOUT THICKNESS FOR PLASTIC PANEL 0.8mm~1.5mm
PANEL CUTOUT THICKNESS FOR STEEL PANEL 0.8mm~2.0mm
4.8 ± 0.1
L3.2 x W2.6


Similar Part No. - 701W-X2-03

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
701W-X2-02 QUALTEK-701W-X2-02 Datasheet
382Kb / 1P
   AC RECEPTACLE
701W-X2-04 QUALTEK-701W-X2-04 Datasheet
374Kb / 1P
   AC RECEPTACLE
701W-X2-06 QUALTEK-701W-X2-06 Datasheet
371Kb / 1P
   AC RECEPTACLE
701W-X2-07 QUALTEK-701W-X2-07 Datasheet
363Kb / 1P
   AC RECEPTACLE
701W-X2-08 QUALTEK-701W-X2-08 Datasheet
370Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 701W-X2-03

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
742W-15-04 QUALTEK-742W-15-04 Datasheet
363Kb / 1P
   AC RECEPTACLE
742W-15-20 QUALTEK-742W-15-20 Datasheet
417Kb / 1P
   AC RECEPTACLE
744W-00-04 QUALTEK-744W-00-04 Datasheet
341Kb / 1P
   AC RECEPTACLE
746W-15-07 QUALTEK-746W-15-07 Datasheet
379Kb / 1P
   AC RECEPTACLE
746W-15-08 QUALTEK-746W-15-08 Datasheet
380Kb / 1P
   AC RECEPTACLE
703W-00-53 QUALTEK-703W-00-53 Datasheet
390Kb / 1P
   AC RECEPTACLE
710W-00-03 QUALTEK-710W-00-03 Datasheet
379Kb / 1P
   AC RECEPTACLE
739W-X2-03 QUALTEK-739W-X2-03 Datasheet
392Kb / 1P
   AC RECEPTACLE
771W-AX2-01 QUALTEK-771W-AX2-01 Datasheet
355Kb / 1P
   AC RECEPTACLE
701W-X2-02 QUALTEK-701W-X2-02 Datasheet
382Kb / 1P
   AC RECEPTACLE
logo
List of Unclassifed Man...
740W-F-02 ETC2-740W-F-02 Datasheet
363Kb / 1P
   AC RECEPTACLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com