Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5223BS Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # MMSZ5223BS
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ5223BS Datasheet(HTML) 3 Page - Rectron Semiconductor

  MMSZ5223BS Datasheet HTML 1Page - Rectron Semiconductor MMSZ5223BS Datasheet HTML 2Page - Rectron Semiconductor MMSZ5223BS Datasheet HTML 3Page - Rectron Semiconductor MMSZ5223BS Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES ( MMSZ5223BS-MMSZ5259BS )
0.4
0.3
0.2
0.1
0
1000
100
10
1
1000
1
50
100
10
100
10
1
40
30
20
10
0
0
1
2
3
4
5
6
7
8
9
10
1
10
100
0
10
20
30
40
1
10
100
1000
0
25
50
75
100
125
150
1
10
100
30
20
10
0
Figure 1 Power Dissipation vs Ambient Temperature
PULSE WIDTH(ms)
Figure 3 Zener Voltage vs Zener Impedence
Figure 4 Maximum Non-repetitive Surge Power
TA,AMBIENT TEMPERATURE(OC)
VZ,NOMINAL ZENER VOLTAGE(V)
VZ,NOMINAL ZENER VOLTAGE(V)
VZ,ZENER VOLTAGE(V)
Figure 2 Typical Capacitance
Figure 5 Zener Breakdown Characteristics
VZ,ZENER VOLTAGE(V)
Figure 6 Zener Breakdown Characteristics
IZ= 1.0mA
TJ = 25OC
TJ = 25OC
5V6
10
12
15
18
22
27
33
36 39
6V8
8V2
Test Current Iz
20mA
Test Current Iz
Nominal Zener Voltage
f = 1MHz
0V BIAS


Similar Part No. - MMSZ5223BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5223BS PANJIT-MMSZ5223BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ5223BS LUGUANG-MMSZ5223BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5223BS DIODES-MMSZ5223BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Microdiode Electronics ...
MMSZ5223BS CHENDA-MMSZ5223BS Datasheet
375Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5223BS DIODES-MMSZ5223BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5223BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
UDZS3V6B RECTRON-UDZS3V6B Datasheet
213Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com