Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5245B Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # MMBZ5245B
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBZ5245B Datasheet(HTML) 3 Page - Rectron Semiconductor

  MMBZ5245B Datasheet HTML 1Page - Rectron Semiconductor MMBZ5245B Datasheet HTML 2Page - Rectron Semiconductor MMBZ5245B Datasheet HTML 3Page - Rectron Semiconductor MMBZ5245B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES(MMBZ5223B-MMBZ5259B)
5
6
7
8
4
3
2
0
1
-3
-2
-1
100
10
1
1000
1
1000
100
10
1000
100
10
1
100
10
1
0.1
0.01
0.001
0.0001
0.00001
0
10
20
30
40
50
60
70
80
90
1
10
100
0
2
4
6
8
10
12
1
10
100
2
3
4
5
6
7
8
9
10 11
12
10
100
100
10
1
0.01
0.1
Figure 1 Temperature Coefficients
Figure 2 Temperature Coefficients
Figure 3 Effect of Zener Voltage on Zener Impedance
Figure 4 Typical Capacitance
VZ,NOMINAL ZENER VOLTAGE(V)
VZ,NOMINAL ZENER VOLTAGE(V)
VZ,NOMINAL ZENER VOLTAGE
VZ,NOMINAL ZENER VOLTAGE(V)
Figure 5 Typical Leakage Current
VZ,NOMINAL ZENER VOLTAGE(V)
Figure 6 Zener Voltage versus Zener Current
(VZ Up to 91V)
VZ,ZENER VOLTAGE(V)
TYPICAL TC VALUES
FOR MMBZ5223B SERIES
IZ = 1 mA
5 mA
20 mA
BIAS AT
50% OF VZ NOM
0 V BIAS
1 V BIAS
+150OC
VZ@IZT
VZ@IZT
TYPICAL TC VALUES
FOR MMBZ5223B SERIES
TJ = 25OC
IZ(AC) = 0.1IZ(DC)
f = 1KHz
TA = 25OC
+25OC
-55OC
TA = 25OC


Similar Part No. - MMBZ5245B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5245B PANJIT-MMBZ5245B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5245B SKTECHNOLGY-MMBZ5245B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Galaxy Semi-Conductor H...
MMBZ5245B BILIN-MMBZ5245B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5245B DIODES-MMBZ5245B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5245B FAIRCHILD-MMBZ5245B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5245B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com