Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR160 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MUR160
Description  ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MUR160 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MUR160 Datasheet HTML 1Page - Rectron Semiconductor MUR160 Datasheet HTML 2Page - Rectron Semiconductor MUR160 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ULTRAFAST RECTIFIER
VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MUR120
MUR140
MUR160
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Ultrafast switching speed
* High surge capability
* Good for switching mode circuit
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.33 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=55OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
1.0
35
Amps
0
C
Operating and Storage Temperature Range
IO
-55 to + 150
Volts
MUR120
MUR140
400
200
400
200
280
140
600
MUR160
MUR120
MUR140
MUR160
600
420
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. "Fully ROHS complaint", "100% Sn plating (Pb-free)"
2010-02
REV: O
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5.0
25
@TJ = 150
oC
@TJ = 25
oC
trr
0.875
1.25
150
2.0
50
50
UNITS
DO-41
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7) DIA.
Pre
lim
ina
ry


Similar Part No. - MUR160

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MUR160 DIOTEC-MUR160 Datasheet
102Kb / 2P
   Ultrafast Switching Silicon Rectifier Diodes
logo
Motorola, Inc
MUR160 MOTOROLA-MUR160 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
logo
DONGGUAN YOU FENG WEI E...
MUR160 YFWDIODE-MUR160 Datasheet
382Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MUR160 BILIN-MUR160 Datasheet
57Kb / 3P
   SUPER FAST RECTIFIER
logo
Frontier Electronics.
MUR160 FRONTIER-MUR160 Datasheet
128Kb / 2P
   1A ULTRA FAST EFFICIENT RECTIFIER
More results

Similar Description - MUR160

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MURS120A RECTRON-MURS120A Datasheet
306Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
MURS120 RECTRON-MURS120 Datasheet
297Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Motorola, Inc
MURS120T3 MOTOROLA-MURS120T3 Datasheet
112Kb / 4P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
logo
Chenmko Enterprise Co. ...
1N4933PT CHENMKO-1N4933PT Datasheet
91Kb / 2P
   VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
1N4942PT CHENMKO-1N4942PT Datasheet
88Kb / 2P
   VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
MURS220 RECTRON-MURS220 Datasheet
198Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 2.0 Amperes
MURS320 RECTRON-MURS320 Datasheet
299Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
MUR220 RECTRON-MUR220 Datasheet
192Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 2.0 Amperes
MUR420 RECTRON-MUR420 Datasheet
199Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 4.0 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com