Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS140 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MURS140
Description  ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MURS140 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MURS140 Datasheet HTML 1Page - Rectron Semiconductor MURS140 Datasheet HTML 2Page - Rectron Semiconductor MURS140 Datasheet HTML 3Page - Rectron Semiconductor MURS140 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ULTRAFAST RECTIFIER
VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MURS120
MURS140
MURS160
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Ultrafast switching speed
* High surge capability
* Good for switching mode circuit
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.057 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=55OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
1.0
35
Amps
0
C
Operating and Storage Temperature Range
IO
-55 to + 150
Volts
MURS120
MURS140
400
200
400
200
280
140
600
MURS160
MURS120
MURS140
MURS160
600
420
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. "Fully ROHS complaint", "100% Sn plating (Pb-free)"
2010-02
REV: O
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5.0
25
@TJ = 150
oC
@TJ = 25
oC
trr
0.875
1.25
150
2.0
50
50
UNITS
DO-214AA
Dimensions in inches and (millimeters)
.012 (.305)
.006 (.152)
.008 (.203)
.004 (.102)
.220 (5.59)
.205 (5.21)
.030 (0.76)
.060 (1.52)
.084 (2.13)
.096 (2.44)
.160 (4.06)
.180 (4.57)
.130 (3.30)
.155 (3.94)
.083 (2.11)
.077 (1.96)
Pre
lim
ina
ry


Similar Part No. - MURS140

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MURS140 DIODES-MURS140 Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30130 Rev. 5 - 2
logo
Guangdong Kexin Industr...
MURS140 KEXIN-MURS140 Datasheet
961Kb / 2P
   Surface Mount Ultrafast Plastic Rectifier
logo
GOOD-ARK Electronics
MURS140 GOOD-ARK-MURS140 Datasheet
147Kb / 2P
   Ultra Plastic Rectifers
logo
Vishay Siliconix
MURS140 VISHAY-MURS140 Datasheet
91Kb / 6P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
logo
TAITRON Components Inco...
MURS140 TAITRON-MURS140 Datasheet
181Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
More results

Similar Description - MURS140

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MUR120 RECTRON-MUR120 Datasheet
190Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
MURS120A RECTRON-MURS120A Datasheet
306Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Motorola, Inc
MURS120T3 MOTOROLA-MURS120T3 Datasheet
112Kb / 4P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
logo
Chenmko Enterprise Co. ...
1N4933PT CHENMKO-1N4933PT Datasheet
91Kb / 2P
   VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
1N4942PT CHENMKO-1N4942PT Datasheet
88Kb / 2P
   VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
MURS220 RECTRON-MURS220 Datasheet
198Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 2.0 Amperes
MURS320 RECTRON-MURS320 Datasheet
299Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
MUR220 RECTRON-MUR220 Datasheet
192Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 2.0 Amperes
MUR420 RECTRON-MUR420 Datasheet
199Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 4.0 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com