Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4693 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MMSZ4693
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ4693 Datasheet(HTML) 2 Page - Rectron Semiconductor

  MMSZ4693 Datasheet HTML 1Page - Rectron Semiconductor MMSZ4693 Datasheet HTML 2Page - Rectron Semiconductor MMSZ4693 Datasheet HTML 3Page - Rectron Semiconductor MMSZ4693 Datasheet HTML 4Page - Rectron Semiconductor MMSZ4693 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
Zener Voltage (Note 1)
Leakage Current
VZ (Volts)
@ IZT
IR @ VR
Device
Device
Marking
Min
Nom
Max
uA
uA
Volts
MMSZ4681
CF
2.28
2.4
2.52
50
2
1
MMSZ4682
CH
2.565
2.7
2.835
50
1
1
MMSZ4683
CJ
2.85
3.0
3.15
50
0.8
1
MMSZ4684
CK
3.13
3.3
3.47
50
7.5
1.5
MMSZ4685
CM
3.42
3.6
3.78
50
7.5
2
MMSZ4686
CN
3.70
3.9
4.10
50
5
2
MMSZ4687
CP
4.09
4.3
4.52
50
4
2
MMSZ4688
CT
4.47
4.7
4.94
50
10
3
MMSZ4689
CU
4.85
5.1
5.36
50
10
3
MMSZ4690
CV
5.32
5.6
5.88
50
10
4
MMSZ4691
CA
5.89
6.2
6.51
50
10
5
MMSZ4692
CX
6.46
6.8
7.14
50
10
5.1
MMSZ4693
CY
7.13
7.5
7.88
50
10
5.7
MMSZ4694
CZ
7.79
8.2
8.61
50
1
6.2
MMSZ4695
DC
8.27
8.7
9.14
50
1
6.6
MMSZ4696
DD
8.65
9.1
9.56
50
1
6.9
MMSZ4697
DE
9.50
10
10.50
50
1
7.6
MMSZ4698
DF
10.45
11
11.55
50
0.05
8.4
MMSZ4699
DH
11.40
12
12.60
50
0.05
9.1
MMSZ4700
DJ
12.35
13
13.65
50
0.05
9.8
MMSZ4701
DK
13.30
14
14.70
50
0.05
10.6
MMSZ4702
DM
14.25
15
15.75
50
0.05
11.4
MMSZ4703
DN
15.20
16
16.80
50
0.05
12.1
MMSZ4704
DP
16.15
17
17.85
50
0.05
12.9
MMSZ4705
DT
17.10
18
18.90
50
0.05
13.6
MMSZ4706
DU
18.05
19
19.95
50
0.05
14.4
MMSZ4707
DV
19.00
20
21.00
50
0.01
15.2
MMSZ4708
DA
20.90
22
23.10
50
0.01
16.7
MMSZ4709
DX
22.80
24
25.20
50
0.01
18.2
MMSZ4710
DY
23.75
25
26.25
50
0.01
19.0
MMSZ4711
EA
25.65
27
28.35
50
0.01
20.4
MMSZ4712
EC
26.60
28
29.40
50
0.01
21.2
MMSZ4713
ED
28.50
30
31.50
50
0.01
22.8
MMSZ4714
EE
31.35
33
34.65
50
0.01
25.0
MMSZ4715
EF
34.20
36
37.80
50
0.01
27.3
MMSZ4716
EH
37.05
39
40.95
50
0.01
29.6
MMSZ4717
EJ
40.85
43
45.15
50
0.01
32.6
Notes 1. Nominal Zener voltage is measured with the device junction in thermal equilibrium at T
2. "Fully RoHS Compliant","100% Sn Plating (Pb-free)".
L = 30
O
C +1OC.


Similar Part No. - MMSZ4693

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4693 GE-MMSZ4693 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Foshan Blue Rocket Elec...
MMSZ4693 FOSHAN-MMSZ4693 Datasheet
757Kb / 7P
   MMSZ4693
logo
EIC discrete Semiconduc...
MMSZ4693 EIC-MMSZ4693 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4693 MCC-MMSZ4693 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
TAITRON Components Inco...
MMSZ4693 TAITRON-MMSZ4693 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
More results

Similar Description - MMSZ4693

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com