Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5258B Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MMBZ5258B
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBZ5258B Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMBZ5258B Datasheet HTML 1Page - Rectron Semiconductor MMBZ5258B Datasheet HTML 2Page - Rectron Semiconductor MMBZ5258B Datasheet HTML 3Page - Rectron Semiconductor MMBZ5258B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBZ5223B-
MMBZ5259B
2008-12
REV: A
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Max. Instantaneous Forward Voltage at IF= 10mA
Note 1.Valid provided that device terminals are kept at ambient temperature.
CHARACTERISTICS
SYMBOL
UNITS
357
0.9
Volts
oC/W
Thermal Resistance Junction to Ambient
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Max. Steady State Power Dissipation @TA=25oC
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PD
TJ
TSTG
R qJA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
mW
350
-65 to +150
-65 to +150
oC
oC
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
FEATURES
* Planar Die Constrruction
* 350 mW Power Dissipation
* Zener Volages from 2.7V-39V
*
MECHANICAL DA TA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
Ldeally Suited for Automated Assembly Processes
0.120(3.05)
0.015(0.37)
0.020(0.51)
0.003(0.076)
0.007(0.178)
0.104(2.65)
0.081(2.05)
0.070(1.78)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.043(1.10)
0.035(0.89)
0.006(0.150)
0.001(0.013)
0.055(1.40)
0.047(1.20)
Dimensions in inches and (millimeters)


Similar Part No. - MMBZ5258B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5258B PANJIT-MMBZ5258B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMBZ5258B DIODES-MMBZ5258B Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
logo
Semtech Corporation
MMBZ5258B SEMTECH-MMBZ5258B Datasheet
239Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Diodes Incorporated
MMBZ5258B DIODES-MMBZ5258B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Pan Jit International I...
MMBZ5258B PANJIT-MMBZ5258B Datasheet
106Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMBZ5258B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com