Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ10A Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBJ10A
Description  10A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ10A Datasheet(HTML) 2 Page - Won-Top Electronics

  KBJ10A Datasheet HTML 1Page - Won-Top Electronics KBJ10A Datasheet HTML 2Page - Won-Top Electronics KBJ10A Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1.0
10
100
0.2
0.0
0.6
1.0
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics, per element
F
T = 25 C
j
°
Pulse width = 300 s
µ
1.4
0
40
80
120
160
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
T= 25 C
j
°
Single half-sine-wave
(JEDEC method)
0
0
4
8
12
25
50
75
100
125
150
T , TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
°
Resistive or
Inductive load
6
10
2
Heatsink
10
100
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f = 1.0MHz
T= 25 C
j
°
KBJ10A – KBJ10M
2 of 3
© 2002 Won-Top Electronics
PC Board


Similar Part No. - KBJ10A

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBJ10A DCCOM-KBJ10A Datasheet
476Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILCON BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ10A BILIN-KBJ10A Datasheet
160Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBJ10A CHENG-YI-KBJ10A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ10A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
   10A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
   10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Won-Top Electronics
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
   10A BRIDGE RECTIFIER
PB1000 WTE-PB1000 Datasheet
32Kb / 3P
   10A BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
KBU1000 YIXIN-KBU1000 Datasheet
139Kb / 2P
   10A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBU1001 DIODES-PBU1001 Datasheet
70Kb / 2P
   10A BRIDGE RECTIFIER
DS21309 Rev. F-3
PBPC1001 DIODES-PBPC1001 Datasheet
51Kb / 2P
   10A BRIDGE RECTIFIER
DS21312 Rev. E-2
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
GBJ10005 DIODES-GBJ10005_15 Datasheet
81Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10005 ZSELEC-GBJ10005 Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com