Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5252BS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MMSZ5252BS
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ5252BS Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMSZ5252BS Datasheet HTML 1Page - Rectron Semiconductor MMSZ5252BS Datasheet HTML 2Page - Rectron Semiconductor MMSZ5252BS Datasheet HTML 3Page - Rectron Semiconductor MMSZ5252BS Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Planar Die Constrruction
* 200mW Power Dissipation on FR-4 PCB
* Gemera purpose, Medium Current
*
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 gram
MMSZ5223BS-
MMSZ5259BS
Ldeally Suited for Automated Assembly
Dimensions in inches and (millimeters)
VC 2008-12
REV: A
ELECTRICAL CHARACTERISTICS (@ TA = 25oC unless otherwise noted )
MAXIMUM RATINGES (@ TA = 25oC unless otherwise noted )
Max. Instantaneous Forward Voltage at IF= 10mA
CHARACTERISTICS
SYMBOL
UNITS
625
0.9
Volts
oC/W
Thermal Resistance Junction to Ambient (Note 1)
RATINGS
Max. Steady State Power Dissipation @TA=25oC (Note 1)
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PD
TJ
TSTG
R qJA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
mW
200
Notes 1. Valld provided that device terminals are kept at amblent temperature.
2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)".
+150
-65 to +150
oC
oC
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)
SOD-323


Similar Part No. - MMSZ5252BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5252BS PANJIT-MMSZ5252BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ5252BS LUGUANG-MMSZ5252BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5252BS DIODES-MMSZ5252BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Microdiode Electronics ...
MMSZ5252BS CHENDA-MMSZ5252BS Datasheet
375Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5252BS DIODES-MMSZ5252BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5252BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
UDZS3V6B RECTRON-UDZS3V6B Datasheet
213Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com