Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5254B Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMSZ5254B
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ5254B Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMSZ5254B Datasheet HTML 1Page - Rectron Semiconductor MMSZ5254B Datasheet HTML 2Page - Rectron Semiconductor MMSZ5254B Datasheet HTML 3Page - Rectron Semiconductor MMSZ5254B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RECTRON
Rectron Inc reserves the right to make changes without notice to any product
specification herein, to make corrections, modifications, enhancements or other
changes. Rectron Inc or anyone on its behalf assumes no responsibility or liabi-
lity for any errors or inaccuracies. Data sheet specifications and its information
contained are intended to provide a product description only. "Typical" paramet-
ers which may be included on RECTRON data sheets and/ or specifications ca-
n and do vary in different applications and actual performance may vary over ti-
me. Rectron Inc does not assume any liability arising out of the application or
use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical,
life-saving implant or other applications intended for life-sustaining or other rela-
ted applications where a failure or malfunction of component or circuitry may di-
rectly or indirectly cause injury or threaten a life without expressed written appr-
oval of Rectron Inc. Customers using or selling Rectron components for use in
such applications do so at their own risk and shall agree to fully indemnify Rect-
ron Inc and its subsidiaries harmless against all claims, damages and expendit-
ures.
DISCLAIMER NOTICE


Similar Part No. - MMSZ5254B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5254B PANJIT-MMSZ5254B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5254B CHENDA-MMSZ5254B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5254B PANJIT-MMSZ5254B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5254B DIOTEC-MMSZ5254B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5254B TSC-MMSZ5254B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5254B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com