Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER307 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # HER307
Description  3.0A HIGH EFFICIENCY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER307 Datasheet(HTML) 2 Page - Won-Top Electronics

  HER307 Datasheet HTML 1Page - Won-Top Electronics HER307 Datasheet HTML 2Page - Won-Top Electronics HER307 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HER301 – HER308
2 of 3
© 2002 Won-Top Electronics
0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
HER301 - HER304
HER306 - HER308
HER305
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
HER306 - HER308
0
1
2
3
4
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
HER301 - HER305


Similar Part No. - HER307

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER307 MOSPEC-HER307 Datasheet
126Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Yangzhou yangjie electr...
HER307 YANGJIE-HER307 Datasheet
209Kb / 2P
   High Efficient Rectifier
logo
SeCoS Halbleitertechnol...
HER307 SECOS-HER307 Datasheet
150Kb / 2P
   High Efficiency Rectifiers
logo
Leshan Radio Company
HER307 LRC-HER307 Datasheet
63Kb / 2P
   3A HIGH EFFICIENCY DIODES
logo
SAMYANG ELECTRONICS CO....
HER307 SAMYANG-HER307 Datasheet
492Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER307

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
HER301 NJSEMI-HER301 Datasheet
376Kb / 1P
   3.0A HIGH EFFICIENCY RECTIFIER
logo
Diodes Incorporated
HER301 DIODES-HER301 Datasheet
58Kb / 2P
   3.0A HIGH EFFICIENCY RECTIFIER
DS25003 Rev. D-3
logo
Mospec Semiconductor
MH36 MOSPEC-MH36 Datasheet
134Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
HER301 MOSPEC-HER301 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
MH31 MOSPEC-MH31 Datasheet
130Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
HER306 MOSPEC-HER306 Datasheet
126Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Comchip Technology
1N5400 COMCHIP-1N5400 Datasheet
61Kb / 2P
   3.0A Rectifier
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
   3.0A RECTIFIER
1N5400 DIODES-1N5400 Datasheet
62Kb / 2P
   3.0A RECTIFIER
DS28007 Rev. E-2
1N5400 DIODES-1N5400_1 Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com