Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ6D Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBJ6D
Description  6.0A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ6D Datasheet(HTML) 1 Page - Won-Top Electronics

  KBJ6D Datasheet HTML 1Page - Won-Top Electronics KBJ6D Datasheet HTML 2Page - Won-Top Electronics KBJ6D Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBJ6A – KBJ6M
1 of 3
© 2002 Won-Top Electronics
KBJ6A – KBJ6M
6.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
G
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
C
+
~
~
-
H
K
D
J
E
Mechanical Data
P
R
R
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
N
!
Polarity: As Marked on Body
!
Weight: 4.0 grams (approx.)
!
Mounting Position: Any
S
!
Marking: Type Number
G
T
L
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBJ6A KBJ6B KBJ6D KBJ6G
KBJ6J
KBJ6K KBJ6M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
@TA = 25°C
IO
6.0
2.8
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
170
A
I2t Rating for Fusing (t < 8.35ms)
I2t
100
A2s
Forward Voltage (per diode)
@IF = 3.0A
VFM
1.05
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
5.0
500
µA
Typical Thermal Resistance (per leg) (Note 1)
RJA
26
K/W
Typical Thermal Resistance (per leg) (Note 2)
RJC
3.4
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Thermal resistance junction to ambient, mounted on PCB at 9.5mm lead length.
2. Thermal resistance junction to case, mounted on 7.5 x 7.5 x 0.8cm thick AL plate heatsink.
WT E
PO W E R SEM IC O ND UC TO R S
KBJ-6
Dim
Min
Max
A
29.7
30.3
B
19.7
20.3
C
4.7
4.9
D
17.0
18.0
E
3.8
4.2
G
3.1Ø
3.4Ø
H
2.3
2.7
J
0.9
1.1
K
2.0
2.4
L
0.6
0.7
M
4.4
4.8
N
3.4
P
9.8
10.2
R
7.3
7.7
S
10.8
11.2
T
2.6
All Dimensions in mm


Similar Part No. - KBJ6D

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBJ6D DCCOM-KBJ6D Datasheet
419Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ6D WTE-KBJ6D Datasheet
76Kb / 4P
   6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ6D DAESAN-KBJ6D Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ6D BILIN-KBJ6D Datasheet
144Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBJ6D CHENG-YI-KBJ6D Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ6D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Zibo Seno Electronic En...
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
   6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
Tiger Electronic Co.,Lt...
KBU600 TGS-KBU600 Datasheet
53Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UG6KB05 ZSELEC-UG6KB05 Datasheet
119Kb / 2P
   6.0A BRIDGE RECTIFIER
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
   6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com