Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC5006 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC5006
Description  40, 50A HIGH CURRENT BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC5006 Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC5006 Datasheet HTML 1Page - Won-Top Electronics KBPC5006 Datasheet HTML 2Page - Won-Top Electronics KBPC5006 Datasheet HTML 3Page - Won-Top Electronics KBPC5006 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC40, 50/W SERIES
4 of 4
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPCxx00
Square Bridge
50 Units/Box
KBPCxx00W
Square Bridge
50 Units/Box
KBPCxx01
Square Bridge
50 Units/Box
KBPCxx01W
Square Bridge
50 Units/Box
KBPCxx02
Square Bridge
50 Units/Box
KBPCxx02W
Square Bridge
50 Units/Box
KBPCxx04
Square Bridge
50 Units/Box
KBPCxx04W
Square Bridge
50 Units/Box
KBPCxx06
Square Bridge
50 Units/Box
KBPCxx06W
Square Bridge
50 Units/Box
KBPCxx08
Square Bridge
50 Units/Box
KBPCxx08W
Square Bridge
50 Units/Box
KBPCxx10
Square Bridge
50 Units/Box
KBPCxx10W
Square Bridge
50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - KBPC5006

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBPC5006 DCCOM-KBPC5006 Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Microdiode Electronics ...
KBPC5006 CHENDA-KBPC5006 Datasheet
452Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
KBPC5006 RFE-KBPC5006 Datasheet
2Mb / 3P
   Bridge Rectifiers
12-19-2022
logo
EIC discrete Semiconduc...
KBPC5006 EIC-KBPC5006 Datasheet
47Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diode Semiconductor Kor...
KBPC5006 DSK-KBPC5006 Datasheet
115Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBPC5006

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC40P WTE-GBPC40P Datasheet
51Kb / 4P
   40, 50A HIGH CURRENT BRIDGE RECTIFIER
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50P WTE-KBPC50P Datasheet
55Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
GBPC40G WTE-GBPC40G Datasheet
53Kb / 4P
   40, 50A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBPC5006 YFWDIODE-KBPC5006 Datasheet
563Kb / 3P
   50A HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Frontier Electronics.
BP50-005L FRONTIER-BP50-005L Datasheet
123Kb / 2P
   50A HIGH CURRENT BRIDGE RECTIFIERS
logo
Won-Top Electronics
GBPC40GS WTE-GBPC40GS Datasheet
47Kb / 3P
   40, 50A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
GBPC50 WTE-GBPC50 Datasheet
60Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC5000 ZSELEC-GBPC5000 Datasheet
90Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com