Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHP020N06 Datasheet(PDF) 3 Page - Rohm

Part # RHP020N06
Description  4V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RHP020N06 Datasheet(HTML) 3 Page - Rohm

  RHP020N06 Datasheet HTML 1Page - Rohm RHP020N06 Datasheet HTML 2Page - Rohm RHP020N06 Datasheet HTML 3Page - Rohm RHP020N06 Datasheet HTML 4Page - Rohm RHP020N06 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RHP020N06
Data Sheet
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.03 - Rev.A
Electrical characteristics curves
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
Ta=25°C
Pulsed
VGS= 10V
VGS= 5.0V
VGS= 4.5V
VGS= 4.0V
VGS= 3.5V
VGS= 2.8V
VGS= 2.4V
0.001
0.01
0.1
1
10
01
2
3
4
VDS= 10V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= - 25°C
0.01
0.1
1
10
0.01
0.1
1
10
VGS= 4.0V
VGS= 4.5V
VGS= 10V
Ta= 25°C
Pulsed
0.01
0.1
1
10
00.5
11.5
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta=-25°C
0
2
4
6
8
10
02
4
6
8
10
VGS= 2.4V
VGS= 10V
VGS= 5.0V
VGS= 4.0V
VGS= 4.5V
VGS= 3.0V
Ta=25°C
Pulsed
0
0
1
10
0.01
0.1
1
10
VGS= 4.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0.01
0.1
1
10
0.01
0.1
1
10
VGS= 10V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0.1
1
10
0.01
0.1
1
10
VDS= 10V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
0.01
0.1
1
10
0.01
0.1
1
10
VGS= 4.0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.1 Typical Output Characteristics(Ⅰ)
Fig.2 Typical Output Characteristics(Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.8 Forward Transfer Admittance
vs. Drain Current
DRAIN-SOURCE VOLTAGE : VDS[V]
DRAIN-SOURCE VOLTAGE : VDS[V]
GATE-SOURCE VOLTAGE : VGS[V]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
SOURCE-DRAIN VOLTAGE : VSD [V]


Similar Part No. - RHP020N06

ManufacturerPart #DatasheetDescription
logo
Rohm
RHP020N06 ROHM-RHP020N06 Datasheet
65Kb / 3P
   4V Drive Nch MOS FET
RHP020N06 ROHM-RHP020N06 Datasheet
160Kb / 5P
   4V Drive Nch MOSFET
RHP020N06FRA ROHM-RHP020N06FRA Datasheet
458Kb / 7P
   4V Drive Nch MOSFET
RHP020N06T100 ROHM-RHP020N06T100 Datasheet
160Kb / 5P
   4V Drive Nch MOSFET
More results

Similar Description - RHP020N06

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com