Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH8M2 Datasheet(PDF) 3 Page - Rohm

Part # SH8M2
Description  4V Drive NchPch MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8M2 Datasheet(HTML) 3 Page - Rohm

  SH8M2 Datasheet HTML 1Page - Rohm SH8M2 Datasheet HTML 2Page - Rohm SH8M2 Datasheet HTML 3Page - Rohm SH8M2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
SH8M2
P-ch
Electrical characteristics (Ta=25
C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
±10
μAVGS=
±20V, VDS=0V
VDD
−15V, VGS= −5V
−30
−−
VID=
−1mA, VGS=0V
−−
−1
μAVDS= −30V, VGS=0V
−1.0
−−2.5
V
VDS=
−10V, ID= −1mA
65
90
ID=
−3.5A, VGS= −10V
100
140
m
Ω
m
Ω
m
Ω
ID=
−1.75A, VGS= −4.5V
120
165
ID=
−1.75A, VGS= −4V
1.8
−−
SVDS=
−10V, ID= −1.75A
490
pF
VDS=
−10V
110
75
pF
VGS= 0V
10
pF
f=1MHz
15
ns
35
ns
10
ns
5.5
ns
1.5
7.7
nC
2.0
nC
ID=
−3.5A
−−
nC
RL= 4.29
Ω, RG= 10Ω
VDD
−15V
ID=
−1.75A
VGS=
−10V
RL= 8.57
Ω
RG= 10
Ω
Body diode characteristics (Source-Drain) (Ta=25
C)
VSD
−−
−1.2
V
IS=
−1.6A, VGS=0V
Forward voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed


Similar Part No. - SH8M2

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8M24 ROHM-SH8M24 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
logo
VBsemi Electronics Co.,...
SH8M24TB VBSEMI-SH8M24TB Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Rohm
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
More results

Similar Description - SH8M2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M2 ROHM-SP8M2 Datasheet
74Kb / 4P
   4V Drive Nch Pch MOSFET
SH8M4 ROHM-SH8M4_09 Datasheet
187Kb / 6P
   4V Drive NchPch MOSFET
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
QS8M12TCR ROHM-QS8M12TCR Datasheet
743Kb / 11P
   4V Drive Nch Pch MOSFET
QS8M51 ROHM-QS8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
   4V Drive Nch Pch MOSFET
QS8M12 ROHM-QS8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SP8M51 ROHM-SP8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
TT8M11 ROHM-TT8M11 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com