Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM6J1N Datasheet(PDF) 2 Page - Rohm

Part # UM6J1N
Description  4V Drive Pch MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UM6J1N Datasheet(HTML) 2 Page - Rohm

  UM6J1N_09 Datasheet HTML 1Page - Rohm UM6J1N_09 Datasheet HTML 2Page - Rohm UM6J1N_09 Datasheet HTML 3Page - Rohm UM6J1N_09 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UM6J1N
Data Sheet
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.A
Electrical characteristics (Ta=25
°C)
<It is the same characteristics for Tr1 and Tr2.>
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
±10
µAVGS=±20V, VDS=0V
−30
−−
VID=
−1mA, VGS=0V
−−
−1
µAVDS= −30V, VGS=0V
−1.0
−−2.5
V
VDS=
−10V, ID= −1mA
0.9
1.4
ID=
−0.2A, VGS= −10V
1.4
2.1
ID=
−0.15A, VGS= −4.5V
1.6
2.4
ID=
−0.15A, VGS= −4V
0.2
−−
SVDS=
−10V, ID= −0.15A
30
pF
VDS=
−10V
4
5
pF
VGS=0V
8
pF
f=1MHz
5
ns
30
ns
40
ns
−−
ns
VDD
−15V
ID=
−0.15A
VGS=
−10V
RL
100
RG=10
∗ Pulsed
Body diode characteristics (source-drain)
VSD
−−
−1.2
V
IS=
−0.1A, VGS=0V
Forward voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed
Electrical characteristic curves
DRAIN-SOURCE VOLTAGE :
−VDS (V)
0.01
1
10
100
0.1
1
10
100
Fig.1 Typical Capacitance
vs. Drain-Source Voltage
Ta=25
°C
f=1MHz
VGS=0V
Ciss
Crss
Coss
DRAIN CURRENT :
−ID (A)
0.01
1
10
100
1000
0.1
1
Fig.2 Switching Characteristics
Ta=25
°C
VDD=
−15V
VGS=
−10V
RG=10
Pulsed
tf
td(off)
td(on)
tr
TOTAL GATE CHARGE : Qg (nC)
0
0
1
2
3
4
5
6
7
8
0.2
0.4
0.6
0.8
1
Fig.3 Dynamic Input Characteristics
Ta=25
°C
VDD=
−15V
ID=
−200mA
RG=10
Pulsed
GATE-SOURCE VOLTAGE :
−VGS (V)
0.001
0.01
0.1
1
1.4 1.6
2.0
1.8
2.8 3.0 3.2 3.4
2.2 2.4 2.6
Fig.4 Typical Transfer Characteristics
VDS=
−10V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
GATE-SOURCE VOLTAGE :
−VGS (V)
0
0
15
5
10
20
210
46
8
19
35
7
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Ta=25
°C
Pulsed
ID=
−200mA
ID=
−125mA
SOURCE-DRAIN VOLTAGE :
−VSD (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
Fig.6 Reverse Drain Current vs.
Source-Drain Voltage
VGS=0V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C


Similar Part No. - UM6J1N_09

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6J1NTN ROHM-UM6J1NTN Datasheet
113Kb / 4P
   4V Drive Pch MOSFET
More results

Similar Description - UM6J1N_09

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com