Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMD2N Datasheet(PDF) 1 Page - Rohm

Part # UMD2N
Description  General purpose (dual digital transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMD2N Datasheet(HTML) 1 Page - Rohm

  UMD2N Datasheet HTML 1Page - Rohm UMD2N Datasheet HTML 2Page - Rohm UMD2N Datasheet HTML 3Page - Rohm UMD2N Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMD2 / UMD2N / IMD2A
Transistors
Rev.C
1/3
General purpose
(dual digital transistors)
EMD2 / UMD2N / IMD2A
Features
Dimensions (Unit : mm)
1) Both the DTA124E chip and DTC124E chip in a EMT
or UMT or SMT package.
2) Mounting possible with EMT6 or UMT6 or SMT6
automatic mounting machines.
3) Transistor elements are independent, eliminating
interference.
4) Mounting cost and area can be cut in half.
Structure
Epitaxial planar type
NPN / PNP silicon transistor (Built-in resistor type)
The following characteristics apply to both the DTr1 and
DTr2, however, the “
−” sign on DTr2 values for the PNP
type have been omitted.
Equivalent circuit
EMD2 / UMD2N
IMD2A
DTr2
DTr1
(3)
(2)
(1)
(3)
(2)
(1)
(4)
(5)
(6)
(4)
(5)
(6)
R1
R2
R2
R1
DTr2
DTr1
R1
R2
R2
R1
R2=22k
R1=22k
R2=22k
R1=22k
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCC
50
V
40
V
VIN
−10
IO
30
mA
IC (Max.)
100
Tj
150
˚C
Tstg
−55 to +150
˚C
Pd
EMD2, UMD2N
150 (TOTAL)
mW
IMD2A
300 (TOTAL)
1
2
Supply voltage
Input voltage
Output current
Junction temperature
Storage temperature
Power
dissipation
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
ROHM : EMT6
EMD2
ROHM : UMT6
EIAJ : SC-88
UMD2N
(6) (5) (4)
(1) (2) (3)
(6) (5) (4)
(1) (2) (3)
(4)
(5)
(6)
(3)
(2)
(1)
Abbreviated symbol : D2
Abbreviated symbol : D2
Abbreviated symbol : D2
ROHM : SMT6
EIAJ : SC-74
IMD2A
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions


Similar Part No. - UMD2N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMD2N ROHM-UMD2N Datasheet
83Kb / 4P
   General purpose (dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMD2N SECOS-UMD2N Datasheet
456Kb / 3P
   NPN-PNP built-in re sistors Multi-Chip Digital Transistor
logo
Micro Commercial Compon...
UMD2N MCC-UMD2N Datasheet
224Kb / 2P
   Digital Transistors
logo
Shenzhen Jin Yu Semicon...
UMD2N HTSEMI-UMD2N Datasheet
246Kb / 1P
   General purpose transistors (dual transistors)
logo
Jiangsu Changjiang Elec...
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
   Dual Digital Transistors
More results

Similar Description - UMD2N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com