Electronic Components Datasheet Search |
|
MMST2907A Datasheet(PDF) 1 Page - Rohm |
|
MMST2907A Datasheet(HTML) 1 Page - Rohm |
1 / 5 page UMT2907A / SST2907A / MMST2907A Transistors Rev.B 1/4 PNP Medium Power Transistor (Switching) UMT2907A / SST2907A / MMST2907A Features 1) BVCEO< -60V (IC=-10mA) 2) Complements the UMT2222A / SST2222A / MMST2222A. Package, marking and packaging specifications Part No. UMT2907A UMT3 R2F T106 3000 SST2907A SST3 R2F T116 3000 MMST2907A SMT3 R2F T146 3000 Packaging type Marking Code Basic ordering unit (pieces) Absolute maximum ratings (Ta=25 °C) UMT2907A, SST2907A, MMST2907A Parameter Symbol VCBO VCEO VEBO IC Tj Tstg Limits −60 −60 −5 −0.6 150 −55 to +150 Unit V V V A PC 0.2 W W ∗ ∗ Mounted on a 7x5x0.6mm ceramic substrate. SST2907A 0.35 °C °C Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Dimensions (Unit : mm) UMT2907A SST2907A MMST2907A ROHM : UMT3 EIAJ : SC-70 ROHM : SST3 (1) Emitter (2) Base (3) Collector (1) Emitter (2) Base (3) Collector ROHM : SMT3 EIAJ : SC-59 (1) Emitter (2) Base (3) Collector Electrical characteristics (Ta=25 °C) Parameter Symbol Min. Typ. Max. Unit Conditions BVCBO BVCEO BVEBO ICBO IEBO − − − − − − − − −100 −100 V V V nA nA IC= −10µA IC= −10mA IE= −10µA VCB= −50V ICES −−100 VCB= −30V VEB= −3V −−2.6 VBE(sat) −−1.3 V −−1.6 IC/IB= −500mA/ −50mA VCE(sat) −−0.4 V IC/IB= −150mA/ −15mA IC/IB= −500mA/ −50mA IC/IB= −150mA/ −15mA − 300 hFE −−− −− −− VCE= −10V, IC= −0.1mA VCE= −10V, IC= −1mA VCE= −10V, IC= −10mA VCE= −10V, IC= −150mA −− VCE= −10V, IC= −500mA fT Cob − − − 8 MHz pF VCE= −20V, IE=50mA, f=100MHz VCB= −10V, f=100kHz Cib − 30 pF VEB= −2V, f=100kHz ton − 50 ns VCC= −30V, VBE(OFF)= −1.5V, IC= −150mA, IB1= −15mA td − 10 ns VCC= −30V, VBE(OFF)= −1.5V, IC= −150mA, IB1= −15mA VCC= −30V, VBE(OFF)= −1.5V, IC=− 150mA, IB1= −15mA tr − 40 ns VCC= −30V, IC= −150mA, IB1=IB2= −15mA toff − 100 ns tstg − 80 ns VCC= −30V , IC= −150mA, IB1=IB2= −15mA VCC= −30V, IC= −150mA, IB1=IB2= −15mA tf −60 −60 −5 − − − − − − − 100 100 100 75 50 200 − − − − − − − −− 30 ns Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Base-emitter saturation voltage Collector-emitter saturation voltage DC current transfer ratio Transition frequency Collector output capacitance Emitter input capacitance Turn-on time Delay time Rise time Turn-off time Storage time Fall time |
Similar Part No. - MMST2907A |
|
Similar Description - MMST2907A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |