Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP201G Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBP201G
Description  2.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBP201G Datasheet(HTML) 2 Page - Won-Top Electronics

  KBP201G Datasheet HTML 1Page - Won-Top Electronics KBP201G Datasheet HTML 2Page - Won-Top Electronics KBP201G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics
F
T = 150°C
J
T = 25°C
J
Pulse Width
= 300 µs
0
80
20
60
40
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
T = 150°c
Single Half
Sine Wave
(JEDEC Method)
j
1
10
100
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0.01
0.1
1.0
10
100
1000
10,000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 125°C
j
T = 100°C
j
T = 25°C
j
T = 150°C
j
0
0.5
1.0
1.5
2.0
0
75
150
225
T, TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
KBP200G – KBP2010G
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - KBP201G

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
KBP201G SKTECHNOLGY-KBP201G Datasheet
637Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Surge Components
KBP201G SURGE-KBP201G Datasheet
111Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers?
logo
Gulf Semiconductor
KBP201G GULFSEMI-KBP201G Datasheet
115Kb / 3P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
logo
Taiwan Semiconductor Co...
KBP201G TSC-KBP201G Datasheet
219Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBP201G JUXING-KBP201G Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - KBP201G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DB202 YFWDIODE-DB202 Datasheet
437Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF205 ZSELEC-DBF205 Datasheet
162Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D2KB1 YFWDIODE-D2KB1 Datasheet
469Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP201 YFWDIODE-KBP201 Datasheet
875Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_V01 Datasheet
340Kb / 5P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
June 2017
logo
Won-Top Electronics
2KBP005M WTE-2KBP005M Datasheet
37Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBP2005 WTE-GBP2005 Datasheet
47Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_1 Datasheet
75Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
Zibo Seno Electronic En...
DB201 ZSELEC-DB201 Datasheet
73Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
2W005G NJSEMI-2W005G Datasheet
94Kb / 1P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com