Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5L10 Datasheet(PDF) 2 Page - Rohm

Part # US5L10
Description  General purpose transistor (isolated transistor and diode)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5L10 Datasheet(HTML) 2 Page - Rohm

  US5L10_1 Datasheet HTML 1Page - Rohm US5L10_1 Datasheet HTML 2Page - Rohm US5L10_1 Datasheet HTML 3Page - Rohm US5L10_1 Datasheet HTML 4Page - Rohm US5L10_1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US5L10
Transistors
Rev.B
2/4
Absolute maximum ratings (Ta=25
°C)
Tr1
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
Pc
Tj
Tstg
Limits
15
12
6
1.5
0.9
150
−40 to +125
3
∗2
∗1
Unit
V
V
V
A
A
W/ELEMENT
°C
°C
∗1 Single pulse, Pw=1ms.
∗2 Mounted on a 25mm×25mm× t 0.8mm ceramic substrate
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Di2
Parameter
Symbol
IF
IFSM
VR
PD
VRM
Tj
Tstg
Limits
700
3
20
125
25
0.5
−40 to +125
Unit
mA
A
V
W/ELEMENT
∗ Mounted on a 25mm×25mm× t 0.8mm ceramic substrate
V
°C
°C
Average rectified forward current
Forward current surge peak (60HZ, 1
∞)
Reverse voltage (DC)
Junction temperature
Range of storage temperature
Peak reverse voltage
Power dissipation
Tr1& Di2
Parameter
Symbol
PD
Limits
0.4
1.0
Unit
W/TOTAL
∗1
∗2
W/TOTAL
∗1 Each terminal mounted on a recommended land
∗2 Mounted on a 25mm×25mm× t 0.8mm ceramic substrate
Total power dissipation
Electrical characteristics (Ta=25
°C)
Tr1
Parameter
Symbol
Min.
Typ. Max.
Unit
Conditions
15
−−
V
IC
=10µA
Collector-base breakdown voltage
BVCBO
12
−−
V
IC
=1mA
Collector-emitter breakdown voltage
BVCEO
6
−−
V
IE
=10µA
Emitter-base breakdown voltage
BVEBO
−−
100
nA
VCB
=15V
Collector cutoff current
ICBO
Emitter cutoff current
−−
100
nA
VEB
=6V
IEBO
85
200
mV
IC/IB
=500mA/25mA
Collector-emitter saturation voltage
VCE(sat)
270
680
VCE/IC
=2V/200mA
DC current gain
hFE
400
MHz VCE
=2V, IE=−200mA, f=100MHz
Transition frequency
fT
12
pF
VCB
=10V, IE=0A, f=1MHz
Collector output capacitance
Cob
∗ Pulsed
Di2
Parameter
Min.
Typ.
Max.
Unit
Conditions
490
450
mV
IF=700mA
VR=20V
Symbol
VF
IR
200
µA
Forward voltage
Reverse current
IF=IR=100mA, Irr=0.1IR
trr
9
ns
Reverse recovery time


Similar Part No. - US5L10_1

ManufacturerPart #DatasheetDescription
logo
Rohm
US5L10 ROHM-US5L10 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
More results

Similar Description - US5L10_1

ManufacturerPart #DatasheetDescription
logo
Rohm
UML6N ROHM-UML6N Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
US5L11 ROHM-US5L11 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
FML10 ROHM-FML10 Datasheet
78Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSL9 ROHM-QSL9 Datasheet
83Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ3 ROHM-QSZ3 Datasheet
87Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L12 ROHM-US5L12 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L10 ROHM-US5L10 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ4 ROHM-QSZ4 Datasheet
89Kb / 5P
   General purpose transistor (isolated transistor and diode)
UML6N ROHM-UML6N_1 Datasheet
93Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L9 ROHM-US5L9_1 Datasheet
81Kb / 5P
   General purpose transistor (isolated transistor and diode)
EML20 ROHM-EML20_08 Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com