Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE1 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SE1
Description  SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SE1 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SE1 Datasheet HTML 1Page - Rectron Semiconductor SE1 Datasheet HTML 2Page - Rectron Semiconductor SE1 Datasheet HTML 3Page - Rectron Semiconductor SE1 Datasheet HTML 4Page - Rectron Semiconductor SE1 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AMBIENT TEMPERATURE, (OC)
25
1.0
0
0
0.8
0.6
0.4
0.2
75
50
175
100
125
150
RATING AND CHARACTERISTICS CURVES ( SE1 THRU SE6 )
FIG.2 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.1 TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0.1
10
1.0
1000
100
60
20
40
80
100
120
140
FIG.3 TYPICAL REVERSE
CHARACTERISTICS
trr
+0.5A
50 W
NONINDUCTIVE
10 W
NONINDUCTIVE
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR 14/1 ns/cm
NOTES: 1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF.
2. Rise Time = 10ns max. Source Impedance =
50 ohms.
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
TA = 25 OC
TA = 75 OC
TA = 100 OC


Similar Part No. - SE1

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SE1 RECTRON-SE1 Datasheet
240Kb / 7P
   SURFACE MOUNT SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 1.0 Ampere
2021-10 REV:F
logo
Seaward Electronics Inc...
SE100 SEAWARD-SE100 Datasheet
422Kb / 9P
   QC2.0 Interface Module
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Seaward Electronics Inc...
SE100B SEAWARD-SE100B Datasheet
327Kb / 8P
   QC2.0 Interface Module
logo
Vishay Siliconix
SE100PWB VISHAY-SE100PWB Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
Revision: 02-Jun-2020
More results

Similar Description - SE1

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SE1L RECTRON-SE1L_V01 Datasheet
217Kb / 7P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
2021-10 REV: D
05E1 RECTRON-05E1 Datasheet
44Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 0.5 Ampere
05E1L RECTRON-05E1L Datasheet
44Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 0.5 Ampere
SE1L RECTRON-SE1L Datasheet
441Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
EFM101 RECTRON-EFM101 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
ESM101 RECTRON-ESM101 Datasheet
26Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
UFM101 RECTRON-UFM101 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFM101B RECTRON-EFM101B Datasheet
68Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
EFM101 RECTRON-EFM101_06 Datasheet
559Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFMB101 RECTRON-EFMB101 Datasheet
59Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com