Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

739W-X2-40 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 739W-X2-40
Description  AC RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

739W-X2-40 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  739W-X2-40 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
739W-X2/40
Description:
AC RECEPTACLE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
R.Nuti
10-02-07
10-02-07
JJH / 10-02-07
UNIT: mm
CONTROLLED
NOTES:
USE 14AWG SOLID COPPER WIRE ONLY
RATING: 15A 125V AC
APPROVALS: UL,cUL
PANEL THICKNESS: 0.8~1.8mm
RoHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
5
4
3
2
1
1
1
1
1
1
Cover Insulator NYLON
Contact PIN Brass Strip t=0.7mm Ni-Plated
Contact PIN Brass Strip t=0.7mm
Contact PIN Brass Strip t=0.7mm
Body Insulator NYLON
GROUND
WIRE
WHITE
WIRE
BLACK
WIRE
24.5 ±
0.2
0
PANEL CUTOUT
24
24
22.2
27 ±
1
0


Similar Part No. - 739W-X2-40

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
739W-X2-45 QUALTEK-739W-X2-45 Datasheet
417Kb / 1P
   TAMPER RESISTANT AC RECEPTACLE
739W-X2-45-WH1 QUALTEK-739W-X2-45-WH1 Datasheet
418Kb / 1P
   TAMPER RESISTANT AC RECEPTACLE
More results

Similar Description - 739W-X2-40

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
742W-15-04 QUALTEK-742W-15-04 Datasheet
363Kb / 1P
   AC RECEPTACLE
742W-15-20 QUALTEK-742W-15-20 Datasheet
417Kb / 1P
   AC RECEPTACLE
744W-00-04 QUALTEK-744W-00-04 Datasheet
341Kb / 1P
   AC RECEPTACLE
746W-15-07 QUALTEK-746W-15-07 Datasheet
379Kb / 1P
   AC RECEPTACLE
746W-15-08 QUALTEK-746W-15-08 Datasheet
380Kb / 1P
   AC RECEPTACLE
703W-00-53 QUALTEK-703W-00-53 Datasheet
390Kb / 1P
   AC RECEPTACLE
710W-00-03 QUALTEK-710W-00-03 Datasheet
379Kb / 1P
   AC RECEPTACLE
739W-X2-03 QUALTEK-739W-X2-03 Datasheet
392Kb / 1P
   AC RECEPTACLE
771W-AX2-01 QUALTEK-771W-AX2-01 Datasheet
355Kb / 1P
   AC RECEPTACLE
701W-X2-02 QUALTEK-701W-X2-02 Datasheet
382Kb / 1P
   AC RECEPTACLE
logo
List of Unclassifed Man...
740W-F-02 ETC2-740W-F-02 Datasheet
363Kb / 1P
   AC RECEPTACLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com