Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5817 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SM5817
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SM5817 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SM5817 Datasheet HTML 1Page - Rectron Semiconductor SM5817 Datasheet HTML 2Page - Rectron Semiconductor SM5817 Datasheet HTML 3Page - Rectron Semiconductor SM5817 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
AMBIENT TEMPERATURE, (
OC)
0.1
0.1
1.0
10
20
0
0.25
0.50
0.75
1.00
1.7 1.9
1.3
0.5
0.3
0.9
0.7
1.1
1.5
2.1
175
150
125
100
75
50
25
0
0
20
0.001
0.1
0.01
1.0
10
100
100
120
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( SM5817 THRU SM5819 )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
10
100
80
60
40
20
200
400
10
40
0.4
4
1.0
80
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
20
10
30
50
40
8
6
2
4
10
20
40
80 100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
Single
Half Wave 60HZ
Resistive or
Inductive Load
TJ = 25 OC
Pulse Width = 300mS
1% Duty Cycle
SM5817
SM5818
SM5819
TJ = 25 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 125 OC
TA = 75 OC
TA = 25 OC


Similar Part No. - SM5817

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
Goodwork Semiconductor ...
SM5817 GWSEMI-SM5817 Datasheet
56Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM5817 UNIOHM-SM5817 Datasheet
62Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SM5817 SHUNYE-SM5817 Datasheet
94Kb / 2P
   Silicon epitaxial planer type
logo
Bytes
SM5817 BYTES-SM5817 Datasheet
147Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM5817

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM5817 RECTRON-FM5817 Datasheet
22Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817_01 Datasheet
27Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
1N17 RECTRON-1N17_06 Datasheet
262Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
1N5817 WINGS-1N5817 Datasheet
244Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com