Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA251 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPA251
Description  General Purpose Plastic Rectifiers VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPA251 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPA251 Datasheet HTML 1Page - Rectron Semiconductor SPA251 Datasheet HTML 2Page - Rectron Semiconductor SPA251 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Plastic Rectifiers
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
*
*
High current capability
Ideal for solar panel PV application such as blocking diode
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.336 gram
MAXIMUM RA TINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SPA251
THRU
SPA257
DO-41
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
Dimensions in inches and (millimeters)
2009-03
REV: O
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.5
150
35
-55 to + 150
Amps
pF
0
C
UNITS
Typical Thermal Resistance
R θJA
35
0
C/ W
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
SPA251 SPA252 SPA253 SPA254 SPA255 SPA256 SPA257
SPA251 SPA252 SPA253 SPA254 SPA255 SPA256 SPA257
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
.375” (9.5mm) lead length at TL = 75oC
VF
SYMBOL
IR
UNITS
1.0
1.05
5.0
30
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.5A DC
Volts
@TA = 25oC
@TA = 100oC
50
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0) DIA.
.034 (0.9)
.028 (0.7)
DIA.


Similar Part No. - SPA251

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPA25 MICROSEMI-SPA25 Datasheet
142Kb / 2P
   25 amp single phase bridge rectifiers
SPA25 MICROSEMI-SPA25 Datasheet
134Kb / 2P
   25 Amp Single Phase Bridge Rectifiers
logo
Rectron Semiconductor
SPA2505G RECTRON-SPA2505G Datasheet
199Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25 Amperes
logo
Superworld Electronics
SPA252010FA1R0M SUPERWORLD-SPA252010FA1R0M Datasheet
330Kb / 7P
   Low Profile Power Inductors
SPA252010FA1R5M SUPERWORLD-SPA252010FA1R5M Datasheet
330Kb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPA251

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251 GOOD-ARK-RL251_15 Datasheet
155Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.5 Amperes
logo
List of Unclassifed Man...
10A05 ETC1-10A05 Datasheet
574Kb / 2P
   10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400_15 Datasheet
201Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
RL201 GOOD-ARK-RL201_15 Datasheet
163Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
10A05 GOOD-ARK-10A05_15 Datasheet
144Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 10.0 Amperes
logo
DAESAN ELECTRONIC CORP.
FR251 DAESAN-FR251 Datasheet
314Kb / 2P
   CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
logo
GOOD-ARK Electronics
10A05 GOOD-ARK-10A05 Datasheet
144Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 10.0 Amperes
1N5391 GOOD-ARK-1N5391_15 Datasheet
192Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
RL151 GOOD-ARK-RL151_15 Datasheet
158Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
logo
DAESAN ELECTRONIC CORP.
RL251 DAESAN-RL251 Datasheet
309Kb / 2P
   CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com