Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06325-SS Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 06325-SS
Description  FAN FILTER SCREEN (80mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

06325-SS Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  06325-SS Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1.
MATERIAL:
(1)FRAME: SUS304 STAINLESS STEEL WITH 0.6mm THICKNESS
(2)MESH: 24#/25.4mm STAINLESS STEEL
2.
FINISH: ELECTROLYZE
3.
GENERAL TOLERANCE UNLESS NOTED IS ± 0.5mm
4.
RoHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Updated Specifications
06-01-06
04-02-08
B. ZHANG
01-23-03
01-23-03
JJH / 01-23-03
Qualtek Electronics Corp.
FAN-S DIVISION
Part Number: 06325-SS
Description:
FAN FILTER SCREEN (80mm)
Tolerance
+/-
(mm)
Dim
range
(mm)
0-5
5-16
16-64
64-250
250-1000
1000-1500
Drawn / Date
Checked / Date
Approved / Date
0.1
0.15
0.2
0.4
0.5
1.0
UNIT: mm
REV: C
CONTROLLED
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR OR
COMMUNICATED TO A THIRD PARTY WITHOUT THE
EXPRESS WRITTEN PERMISSION OF AN OFFICER OF
QUALTEK ELECTRONICS.
∅4.32 ± 0.2
R10
4.75
DP
DP


Similar Part No. - 06325-SS

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
06325-B QUALTEK-06325-B Datasheet
207Kb / 1P
   FAN FILTER SCREEN (80mm)
06325-M QUALTEK-06325-M Datasheet
206Kb / 1P
   FAN FILTER SCREEN (80mm)
More results

Similar Description - 06325-SS

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
06325-B QUALTEK-06325-B Datasheet
207Kb / 1P
   FAN FILTER SCREEN (80mm)
06325-M QUALTEK-06325-M Datasheet
206Kb / 1P
   FAN FILTER SCREEN (80mm)
logo
Delta Electronics, Inc.
DPS-250WB DELTA-DPS-250WB Datasheet
141Kb / 1P
   80mm fan
logo
Qualtek Electronics Cor...
06250-M QUALTEK-06250-M Datasheet
192Kb / 1P
   FAN FILTER SCREEN (60mm)
06450-SS QUALTEK-06450-SS Datasheet
203Kb / 1P
   FAN FILTER SCREEN (120mm)
06250-B QUALTEK-06250-B Datasheet
182Kb / 1P
   FAN FILTER SCREEN (60mm)
06250-SS QUALTEK-06250-SS Datasheet
193Kb / 1P
   FAN FILTER SCREEN (60mm)
06362-B QUALTEK-06362-B Datasheet
193Kb / 1P
   FAN FILTER SCREEN (92mm)
06362-SS QUALTEK-06362-SS Datasheet
201Kb / 1P
   FAN FILTER SCREEN (92mm)
06362-M QUALTEK-06362-M Datasheet
194Kb / 1P
   FAN FILTER SCREEN (92mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com